Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR10PM Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # BCR10PM
Description  MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR10PM Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  BCR10PM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR10PM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR10PM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR10PM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR10PM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
23
10–1
57 100 23 5 7 101 23 5 7 102
3.5
3.0
2.5
2.0
1.5
1.0
0.5
4.0
0
23
102
57 103 23 5
100
23
101
57 102 23 5 7 103 23 5 7 104
102
7
5
3
2
101
7
5
3
2
7
5
3
2
10–1
VGD = 0.2V
PGM = 5W
VGM = 10V
VGT = 1.5V
IGM = 2A
IRGT I
IFGT I, IRGT III
PG(AV) =
0.5W
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
TYPICAL EXAMPLE
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
IFGT I
IRGT I, IRGT III
TYPICAL EXAMPLE
MAXIMUM ON-STATE POWER
DISSIPATION
RMS ON-STATE CURRENT (A)
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION TO CASE)
CONDUCTION TIME
(CYCLES AT 60Hz)
GATE CURRENT (mA)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION TO AMBIENT)
CONDUCTION TIME
(CYCLES AT 60Hz)
103
10–1
103
104
102
7
5
3
2
100
7
5
3
2
101
7
5
3
2
7
5
3
2
10123 5 7
23 5 7
102
105
23 5 7
23 5 7
NO FINS
16
12
6
4
2
14
10
8
0
16
0
24
8
6
101214
360°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
GATE CHARACTERISTICS
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR10PM
MEDIUM POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE


Similar Part No. - BCR10PM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR10PM POWEREX-BCR10PM Datasheet
82Kb / 6P
   Isolated Triac 10 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR10PM RENESAS-BCR10PM Datasheet
193Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
logo
Powerex Power Semicondu...
BCR10PM-12 POWEREX-BCR10PM-12 Datasheet
82Kb / 6P
   Isolated Triac 10 Amperes/400-600 Volts
BCR10PM-12L POWEREX-BCR10PM-12L Datasheet
82Kb / 6P
   Isolated Triac 10 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR10PM-12LA RENESAS-BCR10PM-12LA Datasheet
103Kb / 8P
   Triac
More results

Similar Description - BCR10PM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR12PM-14 MITSUBISHI-BCR12PM-14 Datasheet
61Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR8PM MITSUBISHI-BCR8PM Datasheet
93Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR5KM MITSUBISHI-BCR5KM Datasheet
49Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR12PM MITSUBISHI-BCR12PM Datasheet
93Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR8PM-18 MITSUBISHI-BCR8PM-18 Datasheet
61Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR8PM-20 MITSUBISHI-BCR8PM-20 Datasheet
60Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR8PM-14 MITSUBISHI-BCR8PM-14 Datasheet
61Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR5KM RENESAS-BCR5KM_15 Datasheet
208Kb / 13P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR20KM RENESAS-BCR20KM_15 Datasheet
199Kb / 14P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR16PM MITSUBISHI-BCR16PM Datasheet
93Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com