Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD50P03L Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPD50P03L
Description  OptiMOS-P Power - Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD50P03L Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPD50P03L Datasheet HTML 1Page - Infineon Technologies AG SPD50P03L Datasheet HTML 2Page - Infineon Technologies AG SPD50P03L Datasheet HTML 3Page - Infineon Technologies AG SPD50P03L Datasheet HTML 4Page - Infineon Technologies AG SPD50P03L Datasheet HTML 5Page - Infineon Technologies AG SPD50P03L Datasheet HTML 6Page - Infineon Technologies AG SPD50P03L Datasheet HTML 7Page - Infineon Technologies AG SPD50P03L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001-12-06
Page 3
Preliminary data
SPD50P03L
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
çVDSç≥2*çIDç*RDS(on)max
ID=-50A
47
94
-
S
Input capacitance
Ciss
VGS=0, VDS=-25V,
f=1MHz
-
4560
-
pF
Output capacitance
Coss
-
1178
-
Reverse transfer capacitance
Crss
-
965
-
Turn-on delay time
td(on)
VDD=-15V, VGS=-10V,
ID=-1A, RG=6Ω
-
14.8
22
ns
Rise time
tr
-
21.7
32
Turn-off delay time
td(off)
-
139
208
Fall time
tf
-
104
156
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=-24V, ID=-50A
-
-12.7
-17
nC
Gate to drain charge
Qgd
-
-40
-60
Gate charge total
Qg
VDD=-24V, ID=-50A,
VGS=0 to -10V
-
-119
-178
Gate plateau voltage
V(plateau) VDD=-24V, ID=-50A
-
-2.7
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TC=25°C
-
-
-50
A
Inverse diode direct current,
pulsed
ISM
-
-
-200
Inverse diode forward voltage
VSD
VGS=0, |IF| = |ID|
-
-1.1
-1.65
V
Reverse recovery time
trr
VR=-15V, |IF| = |lD|,
diF/dt=100A/µs
-
38
47
ns
Reverse recovery charge
Qrr
-
46
57
nC


Similar Part No. - SPD50P03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD50P03LG INFINEON-SPD50P03LG Datasheet
633Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.8 2008-07-10
SPD50P03LG INFINEON-SPD50P03LG Datasheet
391Kb / 9P
   OptiMOS짰-P Power-Transistor
Rev. 1.9 2012-09-13
logo
VBsemi Electronics Co.,...
SPD50P03LG VBSEMI-SPD50P03LG Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
Infineon Technologies A...
SPD50P03LG INFINEON-SPD50P03LG_12 Datasheet
391Kb / 9P
   OptiMOS짰-P Power-Transistor
Rev. 1.9 2012-09-13
More results

Similar Description - SPD50P03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC080P03LSG INFINEON-BSC080P03LSG Datasheet
311Kb / 9P
   OptiMOS??P Power-Transistor
Rev. 1.04 2010-05-04
BSO203SPH INFINEON-BSO203SPH Datasheet
303Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.31 2010-02-10
IPP80P03P3L-04 INFINEON-IPP80P03P3L-04 Datasheet
226Kb / 4P
   OptiMOS-P Power-Transistor
2004-03-04
BSO301SPH INFINEON-BSO301SPH Datasheet
331Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.32 2010-05-12
SPD50P03LG INFINEON-SPD50P03LG Datasheet
633Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.8 2008-07-10
BSO201SPH INFINEON-BSO201SPH Datasheet
319Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.32 2009-12-21
BSO203PH INFINEON-BSO203PH Datasheet
321Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.31 2010-02-15
BSO303SPH INFINEON-BSO303SPH Datasheet
338Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.1 2010-05-12
BSO211PH INFINEON-BSO211PH Datasheet
321Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.3 2010-02-10
BSC130P03LSG INFINEON-BSC130P03LSG Datasheet
311Kb / 9P
   OptiMOS??P Power-Transistor
Rev. 1.04 2010-05-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com