Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP7524T Datasheet(PDF) 2 Page - Semtech Corporation

Part # RCLAMP7524T
Description  Low Capacitance RClamp 4-Line ESD protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP7524T Datasheet(HTML) 2 Page - Semtech Corporation

  RCLAMP7524T Datasheet HTML 1Page - Semtech Corporation RCLAMP7524T Datasheet HTML 2Page - Semtech Corporation RCLAMP7524T Datasheet HTML 3Page - Semtech Corporation RCLAMP7524T Datasheet HTML 4Page - Semtech Corporation RCLAMP7524T Datasheet HTML 5Page - Semtech Corporation RCLAMP7524T Datasheet HTML 6Page - Semtech Corporation RCLAMP7524T Datasheet HTML 7Page - Semtech Corporation RCLAMP7524T Datasheet HTML 8Page - Semtech Corporation RCLAMP7524T Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
© 2013 Semtech Corporation
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
RClamp7524T
Absolute Maximum Rating
Electrical Characteristics (T=25oC)
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
s
μ
0
2
/
8
=
p
t
(
r
e
w
o
P
e
s
l
u
P
k
a
e
PP
k
p
5
7s
t
t
a
W
)
s
μ
0
2
/
8
=
p
t
(
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
PI
P
P
5A
)
r
i
A
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
1
)
t
c
a
t
n
o
C
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
1
V
D
S
E
0
3
-
/
+
5
2
-
/
+
V
k
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-C
°
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
D
N
G
o
t
O
/
I
y
n
A5
V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
,
A
m
1
=
D
N
G
o
t
O
/
I
y
n
A
5
.
69
1
1V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
,
V
0
.
5
=
D
N
G
o
t
O
/
I
y
n
A
5
0
0
.
00
0
1
.
0A
μ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
μ
0
2
/
8
=
p
t
,
A
1
=
D
N
G
o
t
O
/
I
y
n
A
2
1V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
μ
0
2
/
8
=
p
t
,
A
5
=
D
N
G
o
t
O
/
I
y
n
A
5
1V
e
g
a
tl
o
V
g
n
i
p
m
a
l
C
D
S
E
2
V
C
,
A
4
=
P
P
I
s
n
0
0
1
/
2
.
0
=
p
lt
1
1V
e
g
a
tl
o
V
g
n
i
p
m
a
l
C
D
S
E
2
V
C
,
A
6
1
=
P
P
I
s
n
0
0
1
/
2
.
0
=
p
lt
7
1V
e
c
n
a
t
s
i
s
e
R
c
i
m
a
n
y
D
3
R
D
s
n
0
0
1
=
p
t0
5
.
0s
m
h
O
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
V
R
,
z
H
M
1
=
f
,
V
0
=
D
N
G
o
t
O
/
I
y
n
A
0
5
.
00
6
.
0F
p
V
R
,
z
H
M
1
=
f
,
V
0
=
s
n
i
p
O
/
I
n
e
e
w
t
e
B
5
2
.
04
.
0F
p
Notes
1)Measured with a 20dB attenuator, 50 Ohm scope input impedance, 2GHz bandwidth. ESD gun return path
connected to ESD ground plane.
2)Transmission Line Pulse Test (TLP) Settings: t
p = 100ns, tr = 0.2ns, ITLP and VTLP averaging window: t1 = 70ns to
t
2 = 90ns.
3) Dynamic resistance calculated from I
TLP = 4A to ITLP = 16A


Similar Part No. - RCLAMP7524T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RClamp7524T.TNT SEMTECH-RClamp7524T.TNT Datasheet
442Kb / 9P
   4-Line ESD Protection
RCLAMP7524T SEMTECH-RCLAMP7524T_16 Datasheet
442Kb / 9P
   4-Line ESD Protection
More results

Similar Description - RCLAMP7524T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP7534P SEMTECH-RCLAMP7534P Datasheet
1Mb / 6P
   Ultra Low Capacitance RClamp 4-Line ESD Protection
RCLAMP3346P SEMTECH-RCLAMP3346P Datasheet
283Kb / 9P
   Low Capacitance RClamp 6-Line ESD protection
RCLAMP3346PQ SEMTECH-RCLAMP3346PQ Datasheet
398Kb / 9P
   Low Capacitance RClamp® 6-Line ESD Protection
Rev 1.0 10/5/2016
RCLAMP0531Z SEMTECH-RCLAMP0531Z Datasheet
165Kb / 7P
   Ultra Small RClamp 1-Line ESD protection
RCLAMP0521Z SEMTECH-RCLAMP0521Z Datasheet
295Kb / 7P
   Ultra Small RClamp 1-Line ESD protection
logo
SYNC POWER Crop.
SPE6V8UW SYNC-POWER-SPE6V8UW Datasheet
253Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UF SYNC-POWER-SPE6V8UF_11 Datasheet
223Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UH SYNC-POWER-SPE6V8UH_11 Datasheet
229Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UW SYNC-POWER-SPE6V8UW_11 Datasheet
239Kb / 7P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE0581 SYNC-POWER-SPE0581 Datasheet
263Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com