Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP1851ZA Datasheet(PDF) 7 Page - Semtech Corporation

Part # RCLAMP1851ZA
Description  Ultra Small RClamp 1-Line, 18V ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP1851ZA Datasheet(HTML) 7 Page - Semtech Corporation

  RCLAMP1851ZA Datasheet HTML 1Page - Semtech Corporation RCLAMP1851ZA Datasheet HTML 2Page - Semtech Corporation RCLAMP1851ZA Datasheet HTML 3Page - Semtech Corporation RCLAMP1851ZA Datasheet HTML 4Page - Semtech Corporation RCLAMP1851ZA Datasheet HTML 5Page - Semtech Corporation RCLAMP1851ZA Datasheet HTML 6Page - Semtech Corporation RCLAMP1851ZA Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
 2015 Semtech Corporation.
www.semtech.com
RClamp1851ZA
PROTECTION PRODUCTS
Marking
Tape and Reel Specification
Ordering Information
Notes: Device is Electrically Symmetrical
Notes:
1) RailClamp and RClamp are trademarks of Semtech
Corporation.
Part Number
Qty per Reel
Reel Size
RClamp1851ZATFT
15000
7”
t
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804


Similar Part No. - RCLAMP1851ZA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RClamp1851ZATFT SEMTECH-RClamp1851ZATFT Datasheet
572Kb / 8P
   1-Line, 18V ESD Protection
RCLAMP1851ZA SEMTECH-RCLAMP1851ZA_16 Datasheet
572Kb / 8P
   1-Line, 18V ESD Protection
More results

Similar Description - RCLAMP1851ZA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0531Z SEMTECH-RCLAMP0531Z Datasheet
165Kb / 7P
   Ultra Small RClamp 1-Line ESD protection
RCLAMP0521Z SEMTECH-RCLAMP0521Z Datasheet
295Kb / 7P
   Ultra Small RClamp 1-Line ESD protection
RCLAMP1851Y SEMTECH-RCLAMP1851Y Datasheet
268Kb / 8P
   Ultra Small RailClamp짰 1-Line, 18V ESD Protection
RCLAMP1851ZA SEMTECH-RCLAMP1851ZA_16 Datasheet
572Kb / 8P
   1-Line, 18V ESD Protection
RCLAMP7534P SEMTECH-RCLAMP7534P Datasheet
1Mb / 6P
   Ultra Low Capacitance RClamp 4-Line ESD Protection
RCLAMP1821Z SEMTECH-RCLAMP1821Z Datasheet
209Kb / 7P
   Ultra Small RailClamp 1-Line ESD protection
UCLAMP1211Z SEMTECH-UCLAMP1211Z Datasheet
163Kb / 7P
   Ultra Small UClamp 1-Line ESD Protection
RCLAMP3331Y SEMTECH-RCLAMP3331Y Datasheet
366Kb / 8P
   Ultra Small RailClamp짰 1-Line, 3.3V ESD Protection
UCLAMP0551Y SEMTECH-UCLAMP0551Y Datasheet
136Kb / 7P
   Ultra Small 關Clamp짰 1-Line ESD Protection
UCLAMP3321ZA SEMTECH-UCLAMP3321ZA Datasheet
588Kb / 6P
   Ultra Small UClamp 1-Line, 3.3V ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com