Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP1521PQ Datasheet(PDF) 3 Page - Semtech Corporation

Part # RCLAMP1521PQ
Description  Ultra-Low Capacitance 1-Line ESD protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP1521PQ Datasheet(HTML) 3 Page - Semtech Corporation

  RCLAMP1521PQ Datasheet HTML 1Page - Semtech Corporation RCLAMP1521PQ Datasheet HTML 2Page - Semtech Corporation RCLAMP1521PQ Datasheet HTML 3Page - Semtech Corporation RCLAMP1521PQ Datasheet HTML 4Page - Semtech Corporation RCLAMP1521PQ Datasheet HTML 5Page - Semtech Corporation RCLAMP1521PQ Datasheet HTML 6Page - Semtech Corporation RCLAMP1521PQ Datasheet HTML 7Page - Semtech Corporation RCLAMP1521PQ Datasheet HTML 8Page - Semtech Corporation RCLAMP1521PQ Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
2013 Semtech Corporation.
www.semtech.com
RClamp1521PQ
PROTECTION PRODUCTS
Typical Characteristics
Non-RepetitivePeak Pulse Power vs. Pulse Time
Power Derating Curve
Reverse Leakage vs. Temperature
Reverse Leakage vs. Reverse Voltage
Capacitance vs. Temperature
0.0
0.5
1.0
1.5
-50
0
50
100
150
Temperature (OC)
V
R = 15V
AR_IRvT
0.0
0.5
1.0
1.5
2.0
2.5
-50
0
50
100
150
Temperature (OC)
VR = 15V
VR = 0V
AR_CJvT
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (µs)
DR040412-120
T
A = 25
OC
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature - T
A (
OC)
DR040512:25:125:150
0.00
0.05
0.10
0.15
0.20
0
5
10
15
Reverse Voltage - V
R (V)
T
A = 25
OC
AR_IRvV
18
19
20
21
22
-50
0
50
100
150
Temperature (OC)
IR = 1mA
AR-BVvT
Breakdown Voltage vs. Temperature


Similar Part No. - RCLAMP1521PQ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP1521P SEMTECH-RCLAMP1521P Datasheet
175Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP1521P.TCT SEMTECH-RCLAMP1521P.TCT Datasheet
175Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
More results

Similar Description - RCLAMP1521PQ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0821P SEMTECH-RCLAMP0821P Datasheet
181Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0531TQ SEMTECH-RCLAMP0531TQ Datasheet
152Kb / 9P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0521P SEMTECH-RCLAMP0521P Datasheet
181Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
TPESD3301P TECHPUBLIC-TPESD3301P Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
logo
Semtech Corporation
RCLAMP1521P SEMTECH-RCLAMP1521P Datasheet
175Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
ESD5V0B03-0201 TECHPUBLIC-ESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
ESD5V0B03-1006 TECHPUBLIC-ESD5V0B03-1006 Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
logo
Semtech Corporation
RCLAMP0521P SEMTECH-RCLAMP0521P_10 Datasheet
156Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP2431TQ SEMTECH-RCLAMP2431TQ Datasheet
126Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
GBLC05C-TP TECHPUBLIC-GBLC05C-TP Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com