Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP1255P Datasheet(PDF) 3 Page - Semtech Corporation

Part # RCLAMP1255P
Description  Low Capacitance RClamp Surge Protection for uUSB Interfaces
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP1255P Datasheet(HTML) 3 Page - Semtech Corporation

  RCLAMP1255P Datasheet HTML 1Page - Semtech Corporation RCLAMP1255P Datasheet HTML 2Page - Semtech Corporation RCLAMP1255P Datasheet HTML 3Page - Semtech Corporation RCLAMP1255P Datasheet HTML 4Page - Semtech Corporation RCLAMP1255P Datasheet HTML 5Page - Semtech Corporation RCLAMP1255P Datasheet HTML 6Page - Semtech Corporation RCLAMP1255P Datasheet HTML 7Page - Semtech Corporation RCLAMP1255P Datasheet HTML 8Page - Semtech Corporation RCLAMP1255P Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
© 2013 Semtech Corporation
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
RClamp1255P
)
4
,
3
,
2
s
n
i
P
(
D
I
B
S
U
,
P
D
,
M
D)
4
,
3
,
2
s
n
i
P
(
D
I
B
S
U
,
P
D
,
M
D
)
4
,
3
,
2
s
n
i
P
(
D
I
B
S
U
,
P
D
,
M
D
)
4
,
3
,
2
s
n
i
P
(
D
I
B
S
U
,
P
D
,
M
D)
4
,
3
,
2
s
n
i
P
(
D
I
B
S
U
,
P
D
,
M
D
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
n
i
PD
N
G
o
t
4
,
3
,
24
V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
,
A
m
1
=
tI
n
i
P4
,
3
,
2D
N
G
o
t
5
.
47
.
53
.
6V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
,
V
0
.
2
=
n
i
P4
,
3
,
2D
N
G
o
t
5
0
0
.
0
<0
2
0
.
0A
μ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
,
V
0
.
4
=
n
i
P4
,
3
,
2D
N
G
o
t
5
0
0
.
00
0
1
.
0A
μ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
μ
0
2
/
8
=
p
t
,
A
1
=
n
i
P4
,
3
,
2D
N
G
o
t
5
.
0
1V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
μ
0
2
/
8
=
p
t
,
A
3
=
n
i
P4
,
3
,
2D
N
G
o
t
5
.
2
1V
e
c
n
a
t
s
i
s
e
R
c
i
m
a
n
y
D
1
R
n
y
D
A
6
1
=
p
p
I
o
t
A
4
=
p
p
I0
7
.
0s
m
h
O
A
6
1
-
=
p
p
I
o
t
A
4
-
=
p
p
I0
7
.
0s
m
h
O
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
V
R
,
z
H
M
1
=
f
,
V
0
=
n
i
P4
,
3
,
2D
N
G
o
t
5
3
.
00
5
.
0F
p
Electrical Characteristics (T=25oC)
Notes
1)Transmission Line Pulse Test (TLP) Settings: t
p = 100ns, tr = 0.2ns, ITLP and VTLP averaging window: t1 = 70ns to
t
2 = 90ns


Similar Part No. - RCLAMP1255P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP1224S SEMTECH-RCLAMP1224S Datasheet
158Kb / 6P
   Low Capacitance TVS for ADSL Interfaces
More results

Similar Description - RCLAMP1255P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP2656P SEMTECH-RCLAMP2656P Datasheet
327Kb / 10P
   Low Capacitance RClamp짰 Surge Protection for uUSB Interfaces
RCLAMP3354S SEMTECH-RCLAMP3354S Datasheet
1Mb / 7P
   Low Voltage RClamp Surge Protection for GbE Interfaces
RCLAMP1644T SEMTECH-RCLAMP1644T Datasheet
262Kb / 9P
   Low Capacitance RClamp짰 ESD Protection for uUSB Interfaces
logo
TECH PUBLIC Electronics...
RCLAMP2656P TECHPUBLIC-RCLAMP2656P Datasheet
1Mb / 5P
   Low Capacitance Surge Protection for USB Interfaces
TPRCLAMP2656P TECHPUBLIC-TPRCLAMP2656P Datasheet
1Mb / 5P
   Low Capacitance Surge Protection for USB Interfaces
logo
Semtech Corporation
RCLAMP3655P SEMTECH-RCLAMP3655P Datasheet
226Kb / 10P
   RailClamp??ESD Protection for uUSB Interfaces
RCLAMP2654P SEMTECH-RCLAMP2654P Datasheet
284Kb / 9P
   Low Capacitance RClamp짰 Surge Protection for USB Interfaces
TCLAMP2512N SEMTECH-TCLAMP2512N Datasheet
684Kb / 8P
   Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
TCLAMP1272S SEMTECH-TCLAMP1272S Datasheet
782Kb / 7P
   Low Capacitance TClamp Surge Protection for xDSL Interfaces
TCLAMP1202P SEMTECH-TCLAMP1202P Datasheet
231Kb / 7P
   Low Capacitance TClamp Surge Protection for 12V Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com