Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD35N10 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPD35N10
Description  SIPMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD35N10 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPD35N10 Datasheet HTML 1Page - Infineon Technologies AG SPD35N10 Datasheet HTML 2Page - Infineon Technologies AG SPD35N10 Datasheet HTML 3Page - Infineon Technologies AG SPD35N10 Datasheet HTML 4Page - Infineon Technologies AG SPD35N10 Datasheet HTML 5Page - Infineon Technologies AG SPD35N10 Datasheet HTML 6Page - Infineon Technologies AG SPD35N10 Datasheet HTML 7Page - Infineon Technologies AG SPD35N10 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2002-01-30
Page 3
Preliminary data
SPD35N10
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS2*ID*RDS(on)max ,
ID=26.4A
12
23
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
1180
1570
pF
Output capacitance
Coss
-
245
326
Reverse transfer capacitance
Crss
-
137
206
Turn-on delay time
td(on)
VDD=50V, VGS=10V,
ID=35A, RG=7
-
12.2
18.3
ns
Rise time
tr
-
63
95
Turn-off delay time
td(off)
-
39
59
Fall time
tf
-
23
34
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=80V, ID=35A
-
6.5
8.6
nC
Gate to drain charge
Qgd
-
27
41
Gate charge total
Qg
VDD=80V, ID=35A,
VGS=0 to 10V
-
49
65
Gate plateau voltage
V(plateau) VDD=80V, ID=35A
-
6.1
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TC=25°C
-
-
35
A
Inverse diode direct current,
pulsed
ISM
-
-
140
Inverse diode forward voltage
VSD
VGS=0V, IF=35A
-
0.95
1.25
V
Reverse recovery time
trr
VR=50V, IF=lS,
diF/dt=100A/µs
-
80
100
ns
Reverse recovery charge
Qrr
-
230
290
nC


Similar Part No. - SPD35N10

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPD35N10 VBSEMI-SPD35N10 Datasheet
1Mb / 8P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - SPD35N10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com