Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS6151-INE3 Datasheet(PDF) 8 Page - Semtech Corporation

Part # GS6151-INE3
Description  Multi-Rate 6G UHD-SDI
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151-INE3 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button GS6151-INE3 Datasheet HTML 4Page - Semtech Corporation GS6151-INE3 Datasheet HTML 5Page - Semtech Corporation GS6151-INE3 Datasheet HTML 6Page - Semtech Corporation GS6151-INE3 Datasheet HTML 7Page - Semtech Corporation GS6151-INE3 Datasheet HTML 8Page - Semtech Corporation GS6151-INE3 Datasheet HTML 9Page - Semtech Corporation GS6151-INE3 Datasheet HTML 10Page - Semtech Corporation GS6151-INE3 Datasheet HTML 11Page - Semtech Corporation GS6151-INE3 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
8 of 77
Semtech
Proprietary & Confidential
www.semtech.com
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
30
VCO_FILT
Power
External decoupling for the VCO.
Refer to Figure 6-1: GS6151 Typical Application Circuit.
31
VCC_CORE
Power
Most positive power supply connection for the analog core
Connect to 1.8V.
32
VEE_CORE
Power
Most negative power supply connection to the analog core
Connect to GND.
Center Pad
Power
Ground pad on bottom of package.
Connect to ground.
Table 1-1: GS6151 Pin Descriptions (Continued)
Pin Number
Name
Type
Description
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage – Core (VCC_CORE, VDD_DIG)
–0.5 to +2.1VDC
Supply Voltage – Output Driver (VCC_DDO0,
VCC_DDO1)
–0.5 to +2.8VDC
Input ESD Voltage
4kV
Storage Temperature Range (TS)
–50ºC to +125ºC
Operating Temperature Range (TA)
–40ºC to +85ºC
Input Voltage Range (any input pin)
–0.3 to (VCC_CORE + 0.3)VDC
Solder Reflow Temperature
+260ºC
Note: Absolute Maximum Ratings are those values beyond which damage may occur.
Functional operation outside of the ranges shown in the AC/DC electrical characteristics tables
is not guaranteed.


Similar Part No. - GS6151-INE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS6150 GENNUM-GS6150 Datasheet
1Mb / 64P
   Automatic or Manual Rate Selection
logo
Semtech Corporation
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INE3 SEMTECH-GS6150-INE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3 SEMTECH-GS6150-INTE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3Z SEMTECH-GS6150-INTE3Z Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results

Similar Description - GS6151-INE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6152 SEMTECH-GS6152 Datasheet
2Mb / 80P
   Multi-Rate 6G UHD-SDI
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com