Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2960 Datasheet(PDF) 10 Page - Semtech Corporation

Part # GS2960
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2960 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS2960 Datasheet HTML 6Page - Semtech Corporation GS2960 Datasheet HTML 7Page - Semtech Corporation GS2960 Datasheet HTML 8Page - Semtech Corporation GS2960 Datasheet HTML 9Page - Semtech Corporation GS2960 Datasheet HTML 10Page - Semtech Corporation GS2960 Datasheet HTML 11Page - Semtech Corporation GS2960 Datasheet HTML 12Page - Semtech Corporation GS2960 Datasheet HTML 13Page - Semtech Corporation GS2960 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
GS2960 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Video Processing
Data Sheet
48003 - 6
September 2012
10 of 97
A9, A10, B8,
B9, B10,C8,
C9, C10, E9,
E10
DOUT18, 17, 19,
16, 15, 12, 14, 13,
10, 11
Output
PARALLEL DATA BUS
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
20-bit mode
20bit/10bit = HIGH
SMPTE mode (SMPTE_BYPASS = HIGH
and DVB_ASI = LOW):
Luma data output for SD and HD data
rates; Data Stream 1 for 3G data rate
DVB-ASI mode (SMPTE_BYPASS = LOW
and DVB_ASI = HIGH):
Not defined
Data-Through mode (SMPTE_BYPASS =
LOW and DVB_ASI = LOW):
Data output
10-bit mode
20bit/10bit = LOW
SMPTE mode (SMPTE_BYPASS = HIGH
and DVB_ASI = LOW):
Multiplexed Luma/Chroma data output
for SD and HD data rates; Multiplexed
Data Stream 1&2 for 3G data rate
DVB-ASI mode (SMPTE_BYPASS = LOW
and DVB_ASI = HIGH):
8b/10b decoded DVB-ASI data
Data-Through mode (SMPTE_BYPASS =
LOW and DVB_ASI = LOW):
Data output
B1
A_VDD
Input Power
POWER pin for analog circuitry. Connect to 3.3V DC analog.
B2, C3, C4
PLL_VDD
Input Power
POWER pins for the Reclocker PLL. Connect to 1.2V DC analog.
B3, F2, G1,
G2
RSV
These pins must be left unconnected.
B4
VCO_GND
Input Power
GND pin for the VCO. Connect to analog GND.
B7, D9, G9,
J7
IO_GND
Input Power
GND connection for digital I/O. Connect to digital GND.
C1, D1
SDI, SDI
Analog Input
Serial Digital Differential Input.
C2, D2, D3,
E3, F3
A_GND
Input Power
GND pins for sensitive analog circuitry. Connect to analog GND.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS2960

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2960A GENNUM-GS2960A Datasheet
7Mb / 99P
   Ancillary data extraction
logo
Semtech Corporation
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results

Similar Description - GS2960

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com