Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX73212-B1B Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # EX73212-B1B
Description  Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX73212-B1B Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  EX73212-B1B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX73212-B1B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX73212-B1B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX73212-B1B Datasheet HTML 4Page - Axiomtek Co., Ltd. EX73212-B1B Datasheet HTML 5Page - Axiomtek Co., Ltd. EX73212-B1B Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EX73000 Series
www.EtherWAN.com
2
rev. A4
Software Features
Management
• Interface
◦ CLI, Telnet and Web Browser
◦ SNMP v1/v2c/v3
• Firmware and configuration upgrade and backup via TFTP
• Supports DHCP Server/Client
• RMON (Remote monitoring): group 1, 2, 3, 9
• Port mirroring: TX/RX and both
• NTP (Network Time Protocol) time synchronization
• IEEE802.1ab LLDP (Link Layer Discovery Protocol)
Security
• MAC address filtering
• Enable/disable port
• Storm control (broadcast and multicast types)
• IEEE802.1x LAN access control
• Remote authentication through RADIUS
• SSH for CLI and Telnet security
• SSL for web security
• Multi-level user account/password against unauthorized configuration
• System log (remote/local)
QualityofService(QoS)
• Priority Queues: 4 queues per port
• Traffic classification based on IEEE802.1p CoS, DSCP, WRR (Weighted round robin) and strict mode
• Rate Limiting (Ingress/Egress)
Layer2Features
• Auto-negotiation for port speed and duplex mode
• Flow Control
◦ IEEE802.3x full duplex mode
◦ Back-Pressure half duplex mode
• Redundant Protocol
◦ IEEE802.1D Spanning Tree Protocol (STP)
◦ IEEE802.1w Rapid Spanning Tree Protocol (RSTP)
◦ IEEE802.1s Multiple Spanning Tree Protocol (MSTP)
◦ EtherWAN’sα-Ringnetworkfaultrecovery(<15ms)
• VLANs
◦ Port-based VLANs
◦ IEEE802.1Q Tag VLANs (128 groups, 4096 VID)
◦ GVRP (GARP VLAN Registration Protocol)
◦ GMRP (GARP Multicast Registration Protocol)
• Link Aggregation
◦ Static Trunk (2 groups, support MAC base)
◦ IEEE802.3ad Link Aggregation Control Protocol
• IGMP Snooping
◦ IGMP snooping v1/v2/v3
Performance
• Switching Capability: 7.2Gbps
• Packet Buffer Size: 2M bits
• MAC Address Table: 8192


Similar Part No. - EX73212-B1B

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX730 EXTECH-EX730 Datasheet
319Kb / 12P
   800 Amp Clamp Meters
More results

Similar Description - EX73212-B1B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX76000 AXIOMTEK-EX76000 Datasheet
594Kb / 6P
   Hardened Managed 16-port 10/100BASE PoE with 2-port Gigabit combo Ethernet Switch
EX83000 AXIOMTEK-EX83000 Datasheet
886Kb / 6P
   IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
   Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
   Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX63000 AXIOMTEK-EX63000 Datasheet
545Kb / 6P
   Industrial Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX78900 AXIOMTEK-EX78900 Datasheet
619Kb / 5P
   Hardened Managed 16-port Gigabit Ethernet Switch
EX71000 AXIOMTEK-EX71000 Datasheet
853Kb / 6P
   Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
ER58000 AXIOMTEK-ER58000 Datasheet
885Kb / 5P
   Hardened Managed 8-port 10/100BASE M12 PoE with 2-port Gigabit M12 Ethernet Switch
EX49000A AXIOMTEK-EX49000A Datasheet
520Kb / 3P
   Hardened Unmanaged 16-port 10/100BASE PoE and 2-port Gigabit Ethernet Switch
EX77000 AXIOMTEK-EX77000 Datasheet
895Kb / 6P
   Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com