Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JMC200-16 Datasheet(PDF) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JMC200-16
Description  Chip - double mesa SCRs of reverse blocking high-voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JMC200-16 Datasheet(HTML) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JMC200-16 Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JMC200-16 Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JMC200-16 Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JIEJIE MICROELECTRONICS CO.,Ltd
TEL:+86-513-83639777
- 2 / 3-
http://www.jjwdz.com
Non triggering gate voltage
VD=VDRM Tj=125℃
VGD
≥0.25
V
Critical rate of rise of voltage
VD=2/3VDRM Tj=125℃
Gate Open
dV/dt
≥1000
V/
μs
Mechanical Characteristics
Module size
21 mm×18 mm
Module thickness
1.6 mm
Welding area of cathode electrode
18.24 mm×15.64 mm
Welding area of control electrode
φ 2.0mm
K
G
A
symbol
Working Conditions
1) No severe mechanical shock as impact and drop off in the process of transportation, storage and
working of product.
2) Storage conditions
Temperature: 5~40℃
Relative humidity: ≤45%
Storage time: 3 days for the open package; 3 months for the closed package
3) Welding conditions
Recommended solder component: Sn63Sb37 (or lead-free solder of liquid quadrant less than 240℃)
Recommended soldering conditions: shown in Table 1
4) Welding in the gate spot is recommended to be completed one-time by using fixture. If it is
necessary to use a soldering iron, the temperature of soldering iron is controlled within 280℃ and time
is controlled within 20s.


Similar Part No. - JMC200-16

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JMC250-16 JIEJIE-JMC250-16 Datasheet
177Kb / 3P
   Chip - double mesa SCRs of reverse blocking high-voltage
JMC250-18 JIEJIE-JMC250-18 Datasheet
177Kb / 3P
   Chip - double mesa SCRs of reverse blocking high-voltage
JMC250-20 JIEJIE-JMC250-20 Datasheet
177Kb / 3P
   Chip - double mesa SCRs of reverse blocking high-voltage
More results

Similar Description - JMC200-16

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JME016-16 JIEJIE-JME016-16 Datasheet
176Kb / 3P
   Chip - double mesa SCRs of reverse blocking high-voltage
JME175-16 JIEJIE-JME175-16 Datasheet
176Kb / 3P
   Chip - double mesa SCRs of reverse blocking high-voltage
JME026-12 JIEJIE-JME026-12 Datasheet
196Kb / 3P
   Chip - double mesa SCRs of reverse blocking high-voltage
JME135-16 JIEJIE-JME135-16 Datasheet
179Kb / 3P
   Chip - double mesa SCRs of reverse blocking high-voltage
JME160-16 JIEJIE-JME160-16 Datasheet
184Kb / 3P
   Chip - double mesa SCRs of reverse blocking high-voltage
JME056-16 JIEJIE-JME056-16 Datasheet
181Kb / 3P
   Chip - double mesa SCRs of reverse blocking high-voltage
JMC090-16 JIEJIE-JMC090-16 Datasheet
179Kb / 3P
   Chip - double mesa SCRs of reverse blocking high-voltage
JMC110-12 JIEJIE-JMC110-12 Datasheet
180Kb / 3P
   Chip - double mesa SCRs of reverse blocking high-voltage
JMC175-16 JIEJIE-JMC175-16 Datasheet
173Kb / 3P
   Chip - double mesa SCRs of reverse blocking high-voltage
JME045-16 JIEJIE-JME045-16 Datasheet
195Kb / 3P
   Chip - double mesa SCRs of reverse blocking high-voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com