Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHG1202AFGTCYNUA Datasheet(PDF) 7 Page - Jewel Hill Electronic

Part # JHG1202AFGTCYNUA
Description  SPECIFICATIONS FOR LCD MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHG1202AFGTCYNUA Datasheet(HTML) 7 Page - Jewel Hill Electronic

Back Button JHG1202AFGTCYNUA Datasheet HTML 3Page - Jewel Hill Electronic JHG1202AFGTCYNUA Datasheet HTML 4Page - Jewel Hill Electronic JHG1202AFGTCYNUA Datasheet HTML 5Page - Jewel Hill Electronic JHG1202AFGTCYNUA Datasheet HTML 6Page - Jewel Hill Electronic JHG1202AFGTCYNUA Datasheet HTML 7Page - Jewel Hill Electronic JHG1202AFGTCYNUA Datasheet HTML 8Page - Jewel Hill Electronic JHG1202AFGTCYNUA Datasheet HTML 9Page - Jewel Hill Electronic JHG1202AFGTCYNUA Datasheet HTML 10Page - Jewel Hill Electronic JHG1202AFGTCYNUA Datasheet HTML 11Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
JHG1202A
VER: 2.01
-6 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
7. MODULE FUNCTION DESCRIPTION
7.1. PIN DESCRIPTION
Pin No.
Symbol
Description
1
CAP1N
2
CAP1P
For voltage booster circuit
External capacitor about 0.1uF to 4.7uF
3
VOUT
LCD driving voltage output
4
VIN
Logic low level of power supply
5
VDD
Power supply for Positive
6
VSS
Power supply for Ground
7
SDA
Serial data input/output pin
8
SCL
Serial colok input/output pin
9
CSB
Chip selection input pin
10
RS
Registers selection
11
RES
Reset pin


Similar Part No. - JHG1202AFGTCYNUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHG12832A JHE-JHG12832A Datasheet
362Kb / 22P
   SPECIFICATIONS FOR LCD MODULE
JHG12832AFBECAMUA JHE-JHG12832AFBECAMUA Datasheet
362Kb / 22P
   SPECIFICATIONS FOR LCD MODULE
JHG12832AFBECANUA JHE-JHG12832AFBECANUA Datasheet
362Kb / 22P
   SPECIFICATIONS FOR LCD MODULE
JHG12832AFBECBMUA JHE-JHG12832AFBECBMUA Datasheet
362Kb / 22P
   SPECIFICATIONS FOR LCD MODULE
JHG12832AFBECBNUA JHE-JHG12832AFBECBNUA Datasheet
362Kb / 22P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JHG1202AFGTCYNUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com