Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHB320240DSBRCGNUA Datasheet(PDF) 7 Page - Jewel Hill Electronic

Part # JHB320240DSBRCGNUA
Description  SPECIFICATIONS FOR LCD MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHB320240DSBRCGNUA Datasheet(HTML) 7 Page - Jewel Hill Electronic

Back Button JHB320240DSBRCGNUA Datasheet HTML 3Page - Jewel Hill Electronic JHB320240DSBRCGNUA Datasheet HTML 4Page - Jewel Hill Electronic JHB320240DSBRCGNUA Datasheet HTML 5Page - Jewel Hill Electronic JHB320240DSBRCGNUA Datasheet HTML 6Page - Jewel Hill Electronic JHB320240DSBRCGNUA Datasheet HTML 7Page - Jewel Hill Electronic JHB320240DSBRCGNUA Datasheet HTML 8Page - Jewel Hill Electronic JHB320240DSBRCGNUA Datasheet HTML 9Page - Jewel Hill Electronic JHB320240DSBRCGNUA Datasheet HTML 10Page - Jewel Hill Electronic JHB320240DSBRCGNUA Datasheet HTML 11Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
JHB320240D
VER: 5.01
- 6 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
7. MODULE FUNCTION DESCRIPTION
7.1.
PIN DESCRIPTION
Pin No.
Symbol
Description
1
NC
No connect
2
NC
No connect
3
DB0
Data Bit 0
4
DB1
Data Bit1
5
DB2
Data Bit2
6
DB3
Data Bit3
7
/DISPOFF
During the LOW period of this signal, V0 is selected as SC0-SC80’S
Outputs and the display is therefore turned off.
8
FLM
Frame Start Signal
9
NC
No Connect
10
CL1
In SEGMENT driver application mode,the 80-bits display data is latched
into the shift register at the falling edge of this clock.
In COMMON driver application mode, CL1 is used as shifting clock of
COMMON output data
11
CL2
In SEGMENT driver application mode,CL2 is the shifting clock of
20X4-bit bi-directional shift register.
12
VDD
Power Supply for Positive (+5V)
13
VSS
Power Supply for Ground
14
VEE
Negative Voltage for LCD Power Supply
15
VO
Contrast Adjustment Voltage
16
FGND
Frame Ground


Similar Part No. - JHB320240DSBRCGNUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHB320240A JHE-JHB320240A Datasheet
1Mb / 48P
   SPECIFICATIONS FOR LCD MODULE
JHB320240ASBECAMUA JHE-JHB320240ASBECAMUA Datasheet
1Mb / 48P
   SPECIFICATIONS FOR LCD MODULE
JHB320240ASBECANUA JHE-JHB320240ASBECANUA Datasheet
1Mb / 48P
   SPECIFICATIONS FOR LCD MODULE
JHB320240ASBECBMUA JHE-JHB320240ASBECBMUA Datasheet
1Mb / 48P
   SPECIFICATIONS FOR LCD MODULE
JHB320240ASBECBNUA JHE-JHB320240ASBECBNUA Datasheet
1Mb / 48P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JHB320240DSBRCGNUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com