Electronic Components Datasheet Search |
|
EX83322-V3B Datasheet(PDF) 3 Page - Axiomtek Co., Ltd. |
|
EX83322-V3B Datasheet(HTML) 3 Page - Axiomtek Co., Ltd. |
3 / 6 page EX83000 Series www.EtherWAN.com 3 rev. A2 Hardware Specifications Technology Standards •IEEE802.3, 10BASE-T •IEEE802.3u 100BASE-TX/100BASE-FX •IEEE802.3ab 1000BASE-T •IEEE802.3z 1000BASE-SX/1000BASE-LX •IEEE802.3x Full duplex and flow control •IEEE802.1p QoS •IEEE802.1Q Tag VLANs •IEEE802.1w RSTP •IEEE802.1x Port-based Network Access Control ForwardandFilteringRate •14,880pps for 10Mbps •148,810pps for 100Mbps •1,488,100pps for 1000Mbps PacketBufferMemory •2M bits ProcessingType •Store-and-Forward •Auto Negotiation •Half-duplex back-pressure and IEEE802.3x full-duplex flow control •Auto MDI/MDIX AddressTableSize •8192 MAC addresses Power InputVoltage •12 - 48VDC (Terminal Block) •12VDC (DC Jack) PowerConsumption •15W Max. 1.25A @ 12VDC, 0.625A @ 24VDC Protection •Reverse polarity protection Mechanical Casing •Aluminum Case •IP30 Dimensions •84mm (W) x 125mm (D) x145mm (H) 3.3" (W) x 4.92" (D) x 5.71" (H) Weight •1.4Kg (3.08lbs.) Installation •DIN-Rail (Top hat type 35mm) or Wall mounting Interface EthernetPort •10/100BASE-TX: 16, 12 or 8 ports •100BASE-FX: 0, 1, 2 or 4 ports •Gigabit: 0, 1 or 2 ports ConsolePort •Port: One DB9 RS-232 port LEDIndicators •Per Unit: Power 1, Power 2, Power 3 •Per Port: Link/Activity (Green: Copper, Orange: Fiber) AlarmContact •One relay output with current 1A @ 24VDC Environment OperatingTemperature •-40°C to 75°C (-40°F to 167°F) Tested @ -40°C to 80°C (-40°F to 176°F) StorageTemperature •-45°C to 85°C (-49°F to 185°F) AmbientRelativeHumidity •5% to 95% (non-condensing) RegulatoryApprovals ISO •Manufactured in an ISO9001 facility EMI FCCPart15B,ClassA EN61000-6-4 EN61000-3-2 EN61000-3-3 EN55022 EMS EEN61000-6-2 •EN61000-4-2 (ESD Standards) •EN61000-4-3 (Radiated RFI Standards) •EN61000-4-4 (Burst Standards) •EN61000-4-5 (Surge Standards) •EN61000-4-6 (Induced RFI Standards) •EN61000-4-8 (Magnetic Field Standards) •IEC61000-4-10 (Oscillatory wave magnetic field test) •IEC61000-4-16 (Power frequency immunity test) •IEC61000-4-18 (Oscillatory wave immunity test) EnvironmentalTestCompliance IEC60068-2-6Fc(VibrationResistance) IEC60068-2-27Ea(Shock) FEDSTD101CMethod5007.1(Freefallw/package) IndustrialCompliance IEEE61850-3/IEEE1613 EN50121-4 NEMATS2 |
Similar Part No. - EX83322-V3B |
|
Similar Description - EX83322-V3B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |