Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD18P06P Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPD18P06P
Description  SIPMOS Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD18P06P Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPD18P06P Datasheet HTML 1Page - Infineon Technologies AG SPD18P06P Datasheet HTML 2Page - Infineon Technologies AG SPD18P06P Datasheet HTML 3Page - Infineon Technologies AG SPD18P06P Datasheet HTML 4Page - Infineon Technologies AG SPD18P06P Datasheet HTML 5Page - Infineon Technologies AG SPD18P06P Datasheet HTML 6Page - Infineon Technologies AG SPD18P06P Datasheet HTML 7Page - Infineon Technologies AG SPD18P06P Datasheet HTML 8Page - Infineon Technologies AG SPD18P06P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1999-11-22
Page 1
SPD18P06P
SPU18P06P
Preliminary data
SIPMOS® Power-Transistor
Features
· P-Channel
· Enhancement mode
· Avalanche rated
· dv/dt rated
· 175°C operating temperature
Product Summary
Drain source voltage
V
VDS
-60
Drain-source on-state resistance
RDS(on)
0.13
W
Continuous drain current
A
ID
-18.6
Type
Package
Ordering Code
SPD18P06P
P-TO252
Q67040-S4189
SPU18P06P
P-TO251
Q67040-S4192
Pin 1
PIN 2/4
PIN 3
G
D
S
Maximum Ratings,at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Unit
Value
-18.6
-13.2
Continuous drain current
TC = 25 °C
TC = 100 °C
A
ID
Pulsed drain current
TC = 25 °C
ID puls
-74.4
Avalanche energy, single pulse
ID = -18.6 A , VDD = -25 V, RGS = 25 W
150
mJ
EAS
Avalanche energy, periodic limited by
Tjmax
EAR
8
d
v/dt
6
Reverse diode d
v/dt
IS = -18.6 A, VDS = -48 V, di/dt = 200 A/µs,
Tjmax = 175 °C
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC = 25 °C
Ptot
80
W
Operating and storage temperature
Tj , Tstg
-55...+175
°C
IEC climatic category; DIN IEC 68-1
55/175/56


Similar Part No. - SPD18P06P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD18P06P INFINEON-SPD18P06P Datasheet
567Kb / 10P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 3.4 2008-09-02
SPD18P06PG INFINEON-SPD18P06PG Datasheet
567Kb / 10P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 3.4 2008-09-02
logo
VBsemi Electronics Co.,...
SPD18P06PG VBSEMI-SPD18P06PG Datasheet
1,006Kb / 8P
   P-Channel 60 V (D-S) MOSFET
logo
Infineon Technologies A...
SPD18P06PG INFINEON-SPD18P06PG Datasheet
534Kb / 10P
   SIPMOS Power-Transistor
Rev 3.4 2008-09-02
SPD18P06P INFINEON-SPD18P06P_08 Datasheet
567Kb / 10P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 3.4 2008-09-02
More results

Similar Description - SPD18P06P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com