Electronic Components Datasheet Search |
|
JH52480800ACNSWNFFEWN Datasheet(PDF) 4 Page - Jewel Hill Electronic |
|
JH52480800ACNSWNFFEWN Datasheet(HTML) 4 Page - Jewel Hill Electronic |
4 / 23 page JH52480800A VER: 1.0 - 3 - Issue date: 2013/08/12 JEWEL HILL ELECTRONIC CO.,LTD. 1. GENERAL DESCRIPTION. The JH52480800A model is a Color TFT LCD. This main Module has a 5.2 inch diagonally measured active display area with 480(RGB)×800 resolution. Each pixel is divided into Red, Green and Blue sub-pixels and dots which are arranged in vertical stripes. The LCD color is determined with 262,000 colors signal for each pixel. The JH52480800A has been designed to apply the interface method that enables low power, high speed, and high contrast. The JH52480800A is intended to support applications where thin thickness, wide viewing angle and low power are critical factors and graphic displays are important. 2. GENERAL FEATURES. Item Display Panel Remark Display Mode Normally White, Transmissive LCD Viewing Direction 12 O’CLOCK Input Signals MIPI Outside Dimensions 74.1mm(W)*125.0mm(H)*2.2mm(T) Effective Area - Active Area 67.32mm(W)×112.2mm(H) Number of Pixels 480RGB×800Pixels Pixel Pitch 0.14025mm(H)×0.14025mm(W) Pixel Arrangement RGB Vertical stripes Drive IC ILI9805 3.Absolute Maximum Ratings The following are maximum values which, if exceeded may cause operation or damage to the unit. ITEM Symbol Min. Typ. Max. Unit Remark Power for Circuit Driving VDD -0.3 - 3.3 V Power for Circuit Logic VCI -0.3 - 4.6 V LC Operating Voltage *1) Vop - V LED Forward Voltage VBBBBBBBBBfBBBBBBBBB 31 32 33 V LED Forward Current If - 15 - mA LED Luminance BBBBBBBBBBPBBBBBBBBB 3200 - - cd/mPPPPPPPPP2PPPPPPPPPPPPPPPPPPPPPPP Storage Humidity HBBBBBBBBBSTBBBBBBBBB 10 - 90 %RH Storage Temperature T BBBBBBBBB ST BBBBBBBBB -30 - 80 ℃ Operating Ambient Humidity H BBBBBBBBB OP BBBBBBBBB 10 - 90 %RH Operating Ambient temperature T BBBBBBBBB OP BBBBBBBBB -20 - 70 ℃ At 25±5℃ |
Similar Part No. - JH52480800ACNSWNFFEWN |
|
Similar Description - JH52480800ACNSWNFFEWN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |