Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHB7038ADYPEAMUA Datasheet(PDF) 3 Page - Jewel Hill Electronic

Part # JHB7038ADYPEAMUA
Description  SPECIFICATIONS FOR LCD MODULE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHB7038ADYPEAMUA Datasheet(HTML) 3 Page - Jewel Hill Electronic

  JHB7038ADYPEAMUA Datasheet HTML 1Page - Jewel Hill Electronic JHB7038ADYPEAMUA Datasheet HTML 2Page - Jewel Hill Electronic JHB7038ADYPEAMUA Datasheet HTML 3Page - Jewel Hill Electronic JHB7038ADYPEAMUA Datasheet HTML 4Page - Jewel Hill Electronic JHB7038ADYPEAMUA Datasheet HTML 5Page - Jewel Hill Electronic JHB7038ADYPEAMUA Datasheet HTML 6Page - Jewel Hill Electronic JHB7038ADYPEAMUA Datasheet HTML 7Page - Jewel Hill Electronic JHB7038ADYPEAMUA Datasheet HTML 8Page - Jewel Hill Electronic JHB7038ADYPEAMUA Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
JHB7038A
VER: 0.01
- 2 -
Issue date: 2013-08-01
JEWEL HILL ELECTRONIC CO.,LTD.
LCM Number System.
VERSION NUMBER: V00~V99
T: NEGATIVE TRANSMISSIVE;
F: FSTN;
JH B 70 38 A V W T L W N D A -V00 -C
SPECIAL CODE: P: PIN;C:CONNECT; F:CABLE; H: HEAT SEAL; O: OTHER;TP:WITH TP........
IC TYPE:
VIEWING DIRECTION:
TEMPERATURE RANGE:
BACKLIGHT TYPE:
SERIAL NUMBER: A~Z
GRAPHIC MODULEs: NUMBER OF COMMONs
GRAPHIC MODULEs:NUMBER OF SEGMENTs
B: COB & SMT LCM;
T: TAB LCM;
G: COG LCM;
BACKLIGHT COLOR:
CHARACTER MODULEs:
CHARACTER MODULEs: NUMBER OF LINE
E: EL;
L: LED;
C: CCFL;
N: NONE;
O: OTHER
LCD POLARIZER TYPE:
R: POSITIVE REFLECTIVE;
P: POSITIVE TRANSMISSIVE;
E: POSITIVE TRANSFLECTIVE;
M: NEGATIVE TRANSFLECTIVE
A: AMBER;
B: BLUE;
Y: YELLOW-GREEN;
G: GREEN;
R: RED;
W: WHITE; T: DOUBLE LED BACKLIGHT;
N: NORMAL TEMPERATURE RANGE
U: UPPER(12:00); D: DOWN(6:00)
L: LEFT(9:00);
R: RIGHT(3:00); O: OTHER
A:IC WITH CONTROLLER
B:IC WITHOUT CONTROLLER
O: OTHER TYPE
W: BLACK-WHITE; O: OTHER;
G: GRAY;
Y:YELLOW-GREEN; B: BLUE;
LCD COLOR MODE:
N: TN; H: HTN; S: STN;
LCD TYPE:
S: SUPER WIDE TEMPERATURE RANGE
W: WIDE TEMPERATURE RANGE
M: MIDDLE TEMPERATURE RANGE
JEWEL HILL ELECTRONIC CO.,LTD.
H: HEAT SEAL+LCD(NO IC) LCM; P: FPC+LCD(NO IC) LCM;
L: BACKLIGHT+LCD(NO IC) LCM; C: COF LCM; O: OTHER;
D: DSTN;
P: DFSTN;
T: FSC(TN COLOUR); B: BLACK-MARSK. V: VA-BLACK(EBT);O: OTHER;
E: TWO COLOUR LED BACKLIGHT; N: THREE COLOUR LED BACKLIGHT; O: OTHER COLOR;
LCM TYPE:


Similar Part No. - JHB7038ADYPEAMUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHB7033A JHE-JHB7033A Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
JHB7033ABBECAMUA JHE-JHB7033ABBECAMUA Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
JHB7033ABBECANUA JHE-JHB7033ABBECANUA Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
JHB7033ABBECAWUA JHE-JHB7033ABBECAWUA Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
JHB7033ABBECBMUA JHE-JHB7033ABBECBMUA Datasheet
1Mb / 32P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JHB7038ADYPEAMUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com