Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-420-ASI Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # HA-420-ASI
Description  High brightness open frame LCD monitor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

HA-420-ASI Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  HA-420-ASI Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
42" High brightness open frame LCD monitor
Features
Flexible, low cost and high brightness
For semi-outdoor kiosk, vending machine, signage application
42" 16:9 WUXGA TFT LCD display
High brightness enhancement
VESA mount (200x200, 400x200mm)
Option with anti-reflective treatment
Specifications
Size
42"W (16:9)
Signal input
VGA, DVI-I
Backlight
LED
OSD adjustment
Power, Enter, Left, Right, Auto
Panel type
MVA
AC inlet
IEC320-1
Pixel pitch
0.4845 mm
AC input
100-240Vac/2A
Active area
930.24x523.26 mm
Consumption
160W
Brightness*
1000 cd/m2 (max.)
Management
VESA DPMS
Contrast
4000 : 1 (typical)
Mounting
200x200, 400x200mm VESA mount
Viewing angle
176/176 degree
Dimension
961 (W) x 554 (H) x 112.9 (D) mm
Resolution
1920 x 1080
Net weight
Display color
16.7M (8 bit)
Packing
1 pcs / carton
Response time
Gray-gray=6.5 mS
Carton size
Hor. frequency
30 ~ 86 KHz
Container loading
Ver. frequency
60/70 Hz
Operation
0 ~ 50 degree C
Pixel rate
165 MHz
Storage
-30 ~ 70 degree C
* Higher brightness is on demand.
Ordering information
Model selection
X: Panel selection
Y: Input selection
Z: Touch selection
0:
Standard, chosen
0:
Standard, VGA/DVI
0:
Standard, none
A:
Specified LCD
V:
VGA only
G: Glass
B:
Specified LCD
H: VGA/DVI/HDMI
I :
IR
…etc. Specified LCD
P:
DVI/HDMI/DP
S:
SAW
S:
VGA/DVI/S-video
P:
Projective capacitive
Optional accessories
* Power cord
1.8M power cord, US / EU
* Signal cable
1.8M VGA cable, 1.8M DVI cable
Product drawing (Referenced)
* All specification and photos are subject to change without notice.
HB-420-XYZ
HB-420
LCD panel
Power
Package
Video
Temperature


Similar Part No. - HA-420-ASI

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HA-460 NEL-HA-460 Datasheet
61Kb / 2P
   CMOS (TTL Compatible)
logo
Axiomtek Co., Ltd.
HA-460-AHG AXIOMTEK-HA-460-AHG Datasheet
164Kb / 1P
   High brightness open frame LCD monitor
HA-460-AHI AXIOMTEK-HA-460-AHI Datasheet
164Kb / 1P
   High brightness open frame LCD monitor
HA-460-AHP AXIOMTEK-HA-460-AHP Datasheet
164Kb / 1P
   High brightness open frame LCD monitor
HA-460-AHS AXIOMTEK-HA-460-AHS Datasheet
164Kb / 1P
   High brightness open frame LCD monitor
More results

Similar Description - HA-420-ASI

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
HB-170 AXIOMTEK-HB-170 Datasheet
151Kb / 1P
   High brightness open frame LCD monitor
HB-320 AXIOMTEK-HB-320 Datasheet
127Kb / 1P
   High brightness open frame LCD monitor
HB-084 AXIOMTEK-HB-084 Datasheet
165Kb / 1P
   High brightness open frame LCD monitor
HB-215 AXIOMTEK-HB-215 Datasheet
144Kb / 1P
   High brightness open frame LCD monitor
HB-190 AXIOMTEK-HB-190 Datasheet
151Kb / 1P
   High brightness open frame LCD monitor
HB-185 AXIOMTEK-HB-185 Datasheet
148Kb / 1P
   High brightness open frame LCD monitor
HB-270 AXIOMTEK-HB-270 Datasheet
129Kb / 1P
   High brightness open frame LCD monitor
HB-101 AXIOMTEK-HB-101 Datasheet
142Kb / 1P
   High brightness open frame LCD monitor
HB-104 AXIOMTEK-HB-104 Datasheet
147Kb / 1P
   High brightness open frame LCD monitor
HB-460 AXIOMTEK-HB-460 Datasheet
164Kb / 1P
   High brightness open frame LCD monitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com