Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8872 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8872
Description  Brushed DC Motor Driver With Fault Reporting (PWM Control)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8872 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8872 Datasheet HTML 7Page - Texas Instruments DRV8872 Datasheet HTML 8Page - Texas Instruments DRV8872 Datasheet HTML 9Page - Texas Instruments DRV8872 Datasheet HTML 10Page - Texas Instruments DRV8872 Datasheet HTML 11Page - Texas Instruments DRV8872 Datasheet HTML 12Page - Texas Instruments DRV8872 Datasheet HTML 13Page - Texas Instruments DRV8872 Datasheet HTML 14Page - Texas Instruments DRV8872 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
2
D
DS(on)Source
DS(on)Sink
P
I
R
R
Controller
IN2
IN1
nFAULT
GND
ISEN
OUT1
VM
OUT2
0.2
Ÿ
47 µF
0.1 µF
DRV8872
+
±
6.5 to 45 V
Power Supply
PPAD
3.3 V
BDC
PU
11
DRV8872
www.ti.com
SLVSCZ0B – AUGUST 2015 – REVISED JANUARY 2016
Product Folder Links: DRV8872
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The DRV8872 is typically used to drive one brushed DC motor.
8.2 Typical Application
Figure 7. Typical Connections
8.2.1 Design Requirements
Table 3 lists the design parameters.
Table 3. Design Parameters
DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
Motor voltage
VM
24 V
Motor RMS current
IRMS
0.8 A
Motor startup current
ISTART
2 A
Motor current trip point
ITRIP
2.2 A
Sense resistance
RISEN
0.16
PWM frequency
fPWM
5 kHz
8.2.2 Detailed Design Procedure
8.2.2.1 Motor Voltage
The motor voltage to use will depend on the ratings of the motor selected and the desired RPM. A higher voltage
spins a brushed DC motor faster with the same PWM duty cycle applied to the power FETs. A higher voltage
also increases the rate of current change through the inductive motor windings.
8.2.2.2 Drive Current
The current path is through the high-side sourcing DMOS power driver, motor winding, and low-side sinking
DMOS power driver. Power dissipation losses in one source and sink DMOS power driver are shown in the
following equation.
(2)


Similar Part No. - DRV8872

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8872 TI1-DRV8872 Datasheet
1Mb / 25P
[Old version datasheet]   Automotive 3.6-A Brushed DC Motor Driver With Fault Reporting
DRV8872-Q1 TI1-DRV8872-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Automotive 3.6-A Brushed DC Motor Driver With Fault Reporting
DRV8872DDARQ1 TI1-DRV8872DDARQ1 Datasheet
1Mb / 25P
[Old version datasheet]   Automotive 3.6-A Brushed DC Motor Driver With Fault Reporting
DRV8872 TI-DRV8872_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8872 3.6-A Brushed DC Motor Driver With Fault Reporting (PWM Control)
More results

Similar Description - DRV8872

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8872 TI-DRV8872_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8872 3.6-A Brushed DC Motor Driver With Fault Reporting (PWM Control)
DRV8872-Q1 TI1-DRV8872-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Automotive 3.6-A Brushed DC Motor Driver With Fault Reporting
logo
Allegro MicroSystems
STA6940M ALLEGRO-STA6940M Datasheet
490Kb / 19P
   Brushed DC Motor Driver IC With PWM Control
logo
Princeton Technology Co...
PT2470 PTC-PT2470 Datasheet
308Kb / 4P
   3.6-A Brushed DC Motor Driver (PWM Control)
logo
Texas Instruments
DRV8871 TI1-DRV8871_16 Datasheet
1Mb / 25P
[Old version datasheet]   Brushed DC Motor Driver With Internal Current Sense (PWM Control)
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
logo
Texas Instruments
DRV8870 TI-DRV8870_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8870 3.6-A Brushed DC Motor Driver (PWM Control)
logo
Diodes Incorporated
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
logo
Texas Instruments
DRV8871-Q1 TI1-DRV8871-Q1 Datasheet
728Kb / 23P
[Old version datasheet]   3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
logo
Toshiba Semiconductor
TB67H450FNG TOSHIBA-TB67H450FNG Datasheet
495Kb / 22P
   PWM Chopper Type DC Brushed Motor Driver
3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com