Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8872 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8872
Description  Brushed DC Motor Driver With Fault Reporting (PWM Control)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8872 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8872_16 Datasheet HTML 4Page - Texas Instruments DRV8872_16 Datasheet HTML 5Page - Texas Instruments DRV8872_16 Datasheet HTML 6Page - Texas Instruments DRV8872_16 Datasheet HTML 7Page - Texas Instruments DRV8872_16 Datasheet HTML 8Page - Texas Instruments DRV8872_16 Datasheet HTML 9Page - Texas Instruments DRV8872_16 Datasheet HTML 10Page - Texas Instruments DRV8872_16 Datasheet HTML 11Page - Texas Instruments DRV8872_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
FORWARD
REVERSE
OUT1
OUT2
2
1
2
2
Forward drive
Slow decay (brake)
VM
1
OUT1
OUT2
2
1
2
2
Reverse drive
Slow decay (brake)
VM
1
3
3 High-Z (coast)
3 High-Z (coast)
3
8
DRV8872
SLVSCZ0B – AUGUST 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DRV8872
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Bridge Control
The DRV8872 output consists of four N-channel MOSFETs that are designed to drive high current. They are
controlled by the two logic inputs IN1 and IN2, according to Table 1.
Table 1. H-Bridge Control
IN1
IN2
OUT1
OUT2
DESCRIPTION
0
0
High-Z
High-Z
Coast; H-bridge disabled to High-Z (sleep entered after 1 ms)
0
1
L
H
Reverse (current OUT2
→ OUT1)
1
0
H
L
Forward (current OUT1
→ OUT2)
1
1
L
L
Brake; low-side slow decay
The inputs can be set to static voltages for 100% duty cycle drive, or they can be pulse-width modulated (PWM)
for variable motor speed. When using PWM, it typically works best to switch between driving and braking. For
example, to drive a motor forward with 50% of its max RPM, IN1 = 1 and IN2 = 0 during the driving period, and
IN1 = 1 and IN2 = 1 during the other period. Alternatively, the coast mode (IN1 = 0, IN2 = 0) for fast current
decay is also available. The input pins can be powered before VM is applied.
Figure 4. H-Bridge Current Paths
7.3.2 Sleep Mode
When IN1 and IN2 are both low for time tSLEEP (typically 1 ms), the DRV8872 enters a low-power sleep mode,
where the outputs remain High-Z and the device uses IVMSLEEP (microamps) of current. If the device is powered
up while both inputs are low, sleep mode is immediately entered. After IN1 or IN2 are high for at least 5 µs, the
device will be operational 50 µs (tON) later.
7.3.3 Current Regulation
The DRV8872 limits the output current based on the resistance of an external sense resistor on pin ISEN,
according to this equation:


Similar Part No. - DRV8872_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8872 TI-DRV8872_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8872 3.6-A Brushed DC Motor Driver With Fault Reporting (PWM Control)
More results

Similar Description - DRV8872_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8872 TI-DRV8872_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8872 3.6-A Brushed DC Motor Driver With Fault Reporting (PWM Control)
DRV8872-Q1 TI1-DRV8872-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Automotive 3.6-A Brushed DC Motor Driver With Fault Reporting
logo
Allegro MicroSystems
STA6940M ALLEGRO-STA6940M Datasheet
490Kb / 19P
   Brushed DC Motor Driver IC With PWM Control
logo
Princeton Technology Co...
PT2470 PTC-PT2470 Datasheet
308Kb / 4P
   3.6-A Brushed DC Motor Driver (PWM Control)
logo
Texas Instruments
DRV8871 TI1-DRV8871_16 Datasheet
1Mb / 25P
[Old version datasheet]   Brushed DC Motor Driver With Internal Current Sense (PWM Control)
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
logo
Texas Instruments
DRV8870 TI-DRV8870_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8870 3.6-A Brushed DC Motor Driver (PWM Control)
logo
Diodes Incorporated
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
logo
Texas Instruments
DRV8871-Q1 TI1-DRV8871-Q1 Datasheet
728Kb / 23P
[Old version datasheet]   3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
logo
Toshiba Semiconductor
TB67H450FNG TOSHIBA-TB67H450FNG Datasheet
495Kb / 22P
   PWM Chopper Type DC Brushed Motor Driver
3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com