Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8860PW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8860PW
Description  8-Channel Serial Interface Low-Side Driver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8860PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8860PW Datasheet HTML 4Page - Texas Instruments DRV8860PW Datasheet HTML 5Page - Texas Instruments DRV8860PW Datasheet HTML 6Page - Texas Instruments DRV8860PW Datasheet HTML 7Page - Texas Instruments DRV8860PW Datasheet HTML 8Page - Texas Instruments DRV8860PW Datasheet HTML 9Page - Texas Instruments DRV8860PW Datasheet HTML 10Page - Texas Instruments DRV8860PW Datasheet HTML 11Page - Texas Instruments DRV8860PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
0
10
20
30
40
50
VM Voltage (V)
C004
3.20
3.25
3.30
3.35
3.40
0
10
20
30
40
50
VM Voltage (V)
C004
DRV8860, DRV8860A
SLRS065E – SEPTEMBER 2013 – REVISED NOVEMBER 2015
www.ti.com
7.7 Typical Characteristics
Figure 3. Output ON Resistance
Figure 4. VM Operating Supply Current
8 Detailed Description
8.1 Overview
The DRV8860 is an integrated 8-channel low side driver with overcurrent protection and open/short detection. It
has built-in diodes to clamp turn-off transients generated by inductive loads, and can be used to drive unipolar
stepper motors, DC motors, relays, solenoids, or other loads.
DRV8860 can supply up to 200 mA x 8 channel continuous output current. The current driving capability
increases with lower PWM duty cycle. A single channel can deliver up to 560 mA continuous output current.
Refer to the current capability table for details.
A serial interface is provided to control the DRV8860 output drivers, configure internal register settings, and read
the fault status of each channel. Multiple DRV8860 devices can be daisy-chained together to use a single serial
interface. Energizing-time and holding-PWM-duty cycle are configurable through the serial interface as well.
These functions allow for cooler running than traditional always-on solutions.
Internal shutdown functions are provided for overcurrent protection, short-circuit protection, under voltage lockout
and over temperature. DRV8860 can diagnosis an open load condition. DRV8860A does not include open load
detection. Fault information for each channel can be read out through serial interface and is indicated by an
external fault pin.
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DRV8860 DRV8860A


Similar Part No. - DRV8860PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8860PW TI1-DRV8860PW Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860PW TI1-DRV8860PW Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860PWR TI1-DRV8860PWR Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860PWR TI1-DRV8860PWR Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
More results

Similar Description - DRV8860PW

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
   Low side driver (8 channel, serial interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
[Old version datasheet]   DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
   Low side driver (8 channel, parallel interface)
logo
Monolithic Power System...
MP6606 MPS-MP6606 Datasheet
565Kb / 16P
   60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
Rev. 1.0 3/11/2022
logo
Texas Instruments
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com