Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8870DDA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8870DDA
Description  Brushed DC Motor Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8870DDA Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8870DDA Datasheet HTML 5Page - Texas Instruments DRV8870DDA Datasheet HTML 6Page - Texas Instruments DRV8870DDA Datasheet HTML 7Page - Texas Instruments DRV8870DDA Datasheet HTML 8Page - Texas Instruments DRV8870DDA Datasheet HTML 9Page - Texas Instruments DRV8870DDA Datasheet HTML 10Page - Texas Instruments DRV8870DDA Datasheet HTML 11Page - Texas Instruments DRV8870DDA Datasheet HTML 12Page - Texas Instruments DRV8870DDA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
IN1
IN2
OUT1
tDEAD
tPD
tR
tDEAD
tF
tPD
OUT2
tDEAD
tPD
tF
tDEAD
tR
tPD
ITRIP
tOFF
tBLANK
tDRIVE
TRIP
v
ISEN
ISEN
VREF (V)
VREF (V)
I
(A)
A
R
( )
10
R
( )
u
:
u
:
9
DRV8870
www.ti.com
SLVSCY8A – AUGUST 2015 – REVISED JANUARY 2016
Product Folder Links: DRV8870
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
For example, if VREF = 3.3 V and a RISEN = 0.15 Ω, the DRV8870 will limit motor current to 2.2 A no matter how
much load torque is applied. For guidelines on selecting a sense resistor, see Sense Resistor.
When ITRIP has been reached, the device enforces slow current decay by enabling both low-side FETs, and it
does this for time tOFF (typically 25 µs).
Figure 5. Current Regulation Time Periods
After tOFF has elapsed, the output is re-enabled according to the two inputs INx. The drive time (tDRIVE) until
reaching another ITRIP event heavily depends on the VM voltage, the motor’s back-EMF, and the motor’s
inductance.
7.3.4 Dead Time
When an output changes from driving high to driving low, or driving low to driving high, dead time is automatically
inserted to prevent shoot-through. tDEAD is the time in the middle when the output is High-Z. If the output pin is
measured during tDEAD, the voltage will depend on the direction of current. If current is leaving the pin, the
voltage will be a diode drop below ground. If current is entering the pin, the voltage will be a diode drop above
VM. This diode is the body diode of the high-side or low-side FET.
Figure 6. Propagation Delay Time


Similar Part No. - DRV8870DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8870 TI-DRV8870 Datasheet
3Mb / 39P
[Old version datasheet]   DRV8231 3.7-A Brushed DC Motor Driver with Integrated Current Regulation
NOVEMBER 2021
DRV8870 TI-DRV8870 Datasheet
2Mb / 33P
[Old version datasheet]   DRV8251 4.1-A Brushed DC Motor Driver with Integrated Current Regulation
DECEMBER 2021
DRV8870 TI-DRV8870 Datasheet
4Mb / 44P
[Old version datasheet]   DRV8231 3.7-A Brushed DC Motor Driver with Integrated Current Regulation
NOVEMBER 2021
DRV8870 TI-DRV8870 Datasheet
4Mb / 46P
[Old version datasheet]   DRV8231A 3.7-A Brushed DC Motor Driver with Integrated Current Sense and Regulation
NOVEMBER 2021
DRV8870 TI-DRV8870 Datasheet
3Mb / 39P
[Old version datasheet]   DRV8251A 4.1-A Brushed DC Motor Driver with Integrated Current Sense and Regulation
JANUARY 2022
More results

Similar Description - DRV8870DDA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN840 STMICROELECTRONICS-STSPIN840 Datasheet
720Kb / 28P
   Compact dual brushed DC motor driver
Rev 1
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
logo
Toshiba Semiconductor
TB67H450FNG TOSHIBA-TB67H450FNG Datasheet
495Kb / 22P
   PWM Chopper Type DC Brushed Motor Driver
3.0
logo
Shenzhen Huazhimei Semi...
HM2570A HMSEMI-HM2570A Datasheet
1Mb / 10P
   Single-channel brushed DC motor driver chip
HM2570B HMSEMI-HM2570B Datasheet
1Mb / 10P
   Single-channel brushed DC motor driver chip
logo
Toshiba Semiconductor
TB67H410FTG TOSHIBA-TB67H410FTG Datasheet
1Mb / 26P
   PWM Chopper-Type Brushed DC Motor driver
2015-1-27
TB67H400AFTG TOSHIBA-TB67H400AFTG Datasheet
354Kb / 24P
   PWM Chopper-Type Brushed DC Motor driver
2016-12-22
logo
Diodes Incorporated
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
logo
Lin Eng. Inc.
CL008CN017-12-G16 LINENGINEERING-CL008CN017-12-G16 Datasheet
683Kb / 4P
   CORELESS BRUSHED DC MOTOR
CL010CN017-06-64G LINENGINEERING-CL010CN017-06-64G Datasheet
355Kb / 3P
   CORELESS BRUSHED DC MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com