Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8842 Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV8842
Description  DC Motor Driver IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8842 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8842_15 Datasheet HTML 2Page - Texas Instruments DRV8842_15 Datasheet HTML 3Page - Texas Instruments DRV8842_15 Datasheet HTML 4Page - Texas Instruments DRV8842_15 Datasheet HTML 5Page - Texas Instruments DRV8842_15 Datasheet HTML 6Page - Texas Instruments DRV8842_15 Datasheet HTML 7Page - Texas Instruments DRV8842_15 Datasheet HTML 8Page - Texas Instruments DRV8842_15 Datasheet HTML 9Page - Texas Instruments DRV8842_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
150
200
250
300
350
400
8
13
18
23
28
33
38
43
V
(VMx) (V)
-40°C
25°C
85°C
125°C
C001
150
175
200
225
250
275
300
325
350
±50
±25
0
25
50
75
100
125
T
A (ƒC)
8 V
24 V
45 V
C002
V(VMx) (V)
10
15
20
25
30
35
40
45
4
4.5
5
5.5
6
6.5
7
D001
-40qC
25qC
85qC
125qC
V(VMx) (V)
10
15
20
25
30
35
40
45
6
8
10
12
14
D002
-40qC
25qC
85qC
125qC
DRV8842
SLVSAB8F – MAY 2010 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PROTECTION CIRCUITS
IOCP
Overcurrent protection trip level
6
A
tTSD
Thermal shutdown temperature
Die temperature
150
160
180
°C
CURRENT CONTROL
IREF
VREF input current
VREF = 3.3 V
–3
3
μA
VTRIP
ISENSE trip voltage
VREF = 3.3 V, 100% current setting
635
660
685
mV
VREF = 3.3 V, 5% current setting
–25%
25%
VREF = 3.3 V, 10% to 34% current setting
–15%
15%
Current trip accuracy
ΔITRIP
(relative to programmed value)
VREF = 3.3 V, 38% to 67% current setting
–10%
10%
VREF = 3.3 V, 71% to 100% current setting
–5%
5%
AISENSE
Current sense amplifier gain
Reference only
5
V/V
6.6 Typical Characteristics
Figure 1. IVMx vs V(VMx)
Figure 2. IVMxQ vs V(VMx)
Figure 4. RDS(ON) vs Temperature
Figure 3. RDS(ON) vs V(VMx)
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DRV8842


Similar Part No. - DRV8842_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8842-EP TI1-DRV8842-EP Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
DRV8842-EP TI-DRV8842-EP_15 Datasheet
994Kb / 26P
[Old version datasheet]   DRV8842-EP DC Motor Driver IC
DRV8842MPWPREP TI1-DRV8842MPWPREP Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
DRV8842PWP TI1-DRV8842PWP Datasheet
665Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8842PWPR TI1-DRV8842PWPR Datasheet
665Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
More results

Similar Description - DRV8842_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802 Datasheet
558Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
JUNE2011
DRV8814 TI1-DRV8814_14 Datasheet
873Kb / 19P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8840 TI1-DRV8840_15 Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
DRV8842-EP TI1-DRV8842-EP Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
DRV8814 TI1-DRV8814_16 Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
DRV8840 TI-DRV8840 Datasheet
551Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802_15 Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com