Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH52480800ACNRMNTHEWN Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH52480800ACNRMNTHEWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH52480800ACNRMNTHEWN Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH52480800ACNRMNTHEWN Datasheet HTML 6Page - Jewel Hill Electronic JH52480800ACNRMNTHEWN Datasheet HTML 7Page - Jewel Hill Electronic JH52480800ACNRMNTHEWN Datasheet HTML 8Page - Jewel Hill Electronic JH52480800ACNRMNTHEWN Datasheet HTML 9Page - Jewel Hill Electronic JH52480800ACNRMNTHEWN Datasheet HTML 10Page - Jewel Hill Electronic JH52480800ACNRMNTHEWN Datasheet HTML 11Page - Jewel Hill Electronic JH52480800ACNRMNTHEWN Datasheet HTML 12Page - Jewel Hill Electronic JH52480800ACNRMNTHEWN Datasheet HTML 13Page - Jewel Hill Electronic JH52480800ACNRMNTHEWN Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH52480800A
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO. Symbol
Description
1
GND
Power Ground
2
IOVCC
Power Supply for digital circuit(1.8/2.8V)
3
GND
Power Ground
4
PWM
The PWM frequency output for LED driver control
5
GND
Power Ground
6
LCD_ID
No connection
7
GND
Power Ground
8
RESET
System Reset Pin
9
GND
Power Ground
10
VCC
Power Supply for analog circuit(2.8V)
11
A
Anode pin of backlight
12
GND
Power Ground
13
TE
Tearing Effect output signal
14
K
Cathode pin of backlight
15
GND
Power Ground
16
DCN
DSI differential clock pair
17
DCP
DSI differential clock pair
18
GND
Power Ground
19
D1N
Data lane 1
20
D1P
Data lane 1
21
GND
Power Ground
22
D0N
Data lane 0
23
D0P
Data lane 0
24
GND
Power Ground
8.Outline Dimension


Similar Part No. - JH52480800ACNRMNTHEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH52480800B JHE-JH52480800B Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH52480800BCNDMNFFCWC JHE-JH52480800BCNDMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH52480800BCNDMNFFCWN JHE-JH52480800BCNDMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH52480800BCNDMNFFEWC JHE-JH52480800BCNDMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH52480800BCNDMNFFEWN JHE-JH52480800BCNDMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH52480800ACNRMNTHEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com