Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHT12864BFYRCBWUA Datasheet(PDF) 8 Page - Jewel Hill Electronic

Part # JHT12864BFYRCBWUA
Description  SPECIFICATIONS FOR LCD MODULE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHT12864BFYRCBWUA Datasheet(HTML) 8 Page - Jewel Hill Electronic

Back Button JHT12864BFYRCBWUA Datasheet HTML 4Page - Jewel Hill Electronic JHT12864BFYRCBWUA Datasheet HTML 5Page - Jewel Hill Electronic JHT12864BFYRCBWUA Datasheet HTML 6Page - Jewel Hill Electronic JHT12864BFYRCBWUA Datasheet HTML 7Page - Jewel Hill Electronic JHT12864BFYRCBWUA Datasheet HTML 8Page - Jewel Hill Electronic JHT12864BFYRCBWUA Datasheet HTML 9Page - Jewel Hill Electronic JHT12864BFYRCBWUA Datasheet HTML 10Page - Jewel Hill Electronic JHT12864BFYRCBWUA Datasheet HTML 11Page - Jewel Hill Electronic JHT12864BFYRCBWUA Datasheet HTML 12Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
JHT12864B
VER: 3.01
- 7 -
Issue date: 2013-08-01
JEWEL HILL ELECTRONIC CO.,LTD.
7. MODULE FUNCTION DESCRIPTION
7.1. PIN DESCRIPTION
Pin No.
Symbol
Description
1
VSS
Power Supply for Ground(0V)
2
VDD
Power Supply for Positive(3.0V)
3
VR
LCD Dirving Voltage External Regulation Terminal
4
V5
LCD Driving Voltage
5
/CS1
Chip Selection
6
A0
Data/Command Register Selection
7
/RW
Write Signal Input or Read/Write Selection Terminal
8
/RD
Read Signal Input or Read/Write Enable Signal Input
9
DB0
10
DB1
11
DB2
12
DB3
13
DB4
14
DB5
15
DB6
16
DB7
8-bit bi-directional Data bus.
when “P/S=L”, D0-D5 fixed to “H”.
D6 is serial clock input (SCL), D7 is serial data input (SDA).
17
LEDA
18
LEDK
Power Supply for LED Backlight(+)
Power Supply for LED Backlight(-)


Similar Part No. - JHT12864BFYRCBWUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHT12864A JHE-JHT12864A Datasheet
1Mb / 28P
   SPECIFICATIONS FOR LCD MODULE
JHT12864ABBEEANUA JHE-JHT12864ABBEEANUA Datasheet
1Mb / 28P
   SPECIFICATIONS FOR LCD MODULE
JHT12864ABBELBWUA JHE-JHT12864ABBELBWUA Datasheet
1Mb / 28P
   SPECIFICATIONS FOR LCD MODULE
JHT12864ABBMEANUA JHE-JHT12864ABBMEANUA Datasheet
1Mb / 28P
   SPECIFICATIONS FOR LCD MODULE
JHT12864ABBMLBWUA JHE-JHT12864ABBMLBWUA Datasheet
1Mb / 28P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JHT12864BFYRCBWUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com