Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR6KM-12A Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # CR6KM-12A
Description  Planar Passivation Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

CR6KM-12A Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  CR6KM-12A Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. CR6KM-12A Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. CR6KM-12A Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. CR6KM-12A Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. CR6KM-12A Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. CR6KM-12A Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CR6KM-12A
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
9.4
A
Average on-state current
IT (AV)
6
A
Commercial frequency, sine half wave
180° conduction, Tc = 85°C
Surge on-state current
ITSM
90
A
60Hz sine half wave 1 full cycle,
peak value, non-repetitive
I
2t for fusing
I
2t34
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
5W
Average gate power dissipation
PG (AV)
0.5
W
Peak gate forward voltage
VFGM
6V
Peak gate reverse voltage
VRGM
10
V
Peak gate forward current
IFGM
2A
Junction temperature
Tj
– 40 to +125
°C
Storage temperature
Tstg
– 40 to +125
°C
Mass
2.0
g
Typical value
Isolation voltage
Viso
2000
V
Ta = 25
°C, AC 1 minute,
each terminal to case
Electrical Characteristics
Minimum
Characteristics Value
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak reverse current
IRRM
2.0
mA
Tj = 125
°C, VRRM applied
Repetitive peak off-state current
IDRM
2.0
mA
Tj = 125
°C, VDRM applied
On-state voltage
VTM
1.7
V
Tc = 25
°C, ITM = 20 A,
instantaneous value
Gate trigger voltage
VGT
1.0
V
Tj = 25
°C, VD = 6 V, IT = 1 A
Gate non-trigger voltage
VGD
0.2
V
Tj = 125
°C, VD = 1/2 VDRM
Gate trigger current
IGT
10
mA
Tj = 25
°C, VD = 6 V, IT = 1 A
Holding current
IH
—15—
mA
Tj = 25
°C, VD = 12 V
Thermal resistance
Rth (j-c)
——
4.0
°C/W
Junction to case
Note1
Notes: 1. The contact thermal resistance Rth (c-f) in case of greasing is 0.5°C/W.
www.kersemi.com


Similar Part No. - CR6KM-12A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6KM-12A RENESAS-CR6KM-12A Datasheet
107Kb / 7P
   Thyristor Medium Power Use
CR6KM-12A-A8 RENESAS-CR6KM-12A-A8 Datasheet
107Kb / 7P
   Thyristor Medium Power Use
More results

Similar Description - CR6KM-12A

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BCR3AS-12 KERSEMI-BCR3AS-12 Datasheet
1Mb / 13P
   Planar Passivation Type
BCR3KM-12LA KERSEMI-BCR3KM-12LA Datasheet
664Kb / 7P
   Planar Passivation Type
BCR3KM-14L KERSEMI-BCR3KM-14L Datasheet
665Kb / 7P
   Planar Passivation Type
BCR3KM-12LB KERSEMI-BCR3KM-12LB Datasheet
673Kb / 7P
   Planar Passivation Type
BCR16KM-12LA KERSEMI-BCR16KM-12LA Datasheet
1,006Kb / 7P
   Planar Passivation Type
BCR3KM-12 KERSEMI-BCR3KM-12 Datasheet
832Kb / 12P
   Planar Passivation Type
BCR16KM-12LB KERSEMI-BCR16KM-12LB Datasheet
673Kb / 7P
   Planar Passivation Type
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
   LOW POWER USE PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
67Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
CR02AM-4 MITSUBISHI-CR02AM-4 Datasheet
77Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com