Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR5AS-12 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # CR5AS-12
Description  Glass Passivation Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

CR5AS-12 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  CR5AS-12 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. CR5AS-12 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. CR5AS-12 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. CR5AS-12 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. CR5AS-12 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. CR5AS-12 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. CR5AS-12 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CR5AS-12
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
7.8
A
Average on-state current
IT (AV)
5
A
Commercial frequency, sine half wave
180° conduction, Tc = 88°C
Surge on-state current
ITSM
90
A
60Hz sine half wave 1 full cycle,
peak value, non-repetitive
I
2t for fusing
I
2t33
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
0.5
W
Average gate power dissipation
PG (AV)
0.1
W
Peak gate forward voltage
VFGM
6V
Peak gate reverse voltage
VRGM
6V
Peak gate forward current
IFGM
0.3
A
Junction temperature
Tj
– 40 to +125
°C
Storage temperature
Tstg
– 40 to +125
°C
Mass
0.26
g
Typical value
Notes: 1. With gate to cathode resistance RGK = 220
Ω.
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak reverse current
IRRM
2.0
mA
Tj = 125°C, VRRM applied,
RGK = 220
Repetitive peak off-state current
IDRM
2.0
mA
Tj = 125°C, VDRM applied,
RGK = 220
On-state voltage
VTM
1.8
V
Tc = 25°C, ITM = 15 A,
instantaneous value
Gate trigger voltage
VGT
0.8
V
Tj = 25°C, VD = 6 V, IT = 0.1 A
Gate non-trigger voltage
VGD
0.1
V
Tj = 125°C, VD = 1/2 VDRM,
RGK = 220
Gate trigger current
IGT
1
200
Note3
µA
Tj = 25°C, VD = 6 V, IT = 0.1 A
Holding current
IH
3.5
mA
Tj = 25°C, VD = 12 V,
RGK = 220
Thermal resistance
Rth (j-c)
3.0
°C/W
Junction to case
Note2
Notes: 2. The measurement point for case temperature is at anode tab.
3. If special value of IGT is required, IGT from 20 to 100
µA is possible.
www.kersemi.com


Similar Part No. - CR5AS-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR5AS-12 RENESAS-CR5AS-12 Datasheet
81Kb / 8P
   Thyristor Medium Power Use
CR5AS-12 RENESAS-CR5AS-12 Datasheet
105Kb / 8P
   Thyristor Medium Power Use
logo
HAOPIN MICROELECTRONICS...
CR5AS-12 HAOPIN-CR5AS-12 Datasheet
527Kb / 6P
   Blocking voltage to 600 V
logo
Renesas Technology Corp
CR5AS-12-A1 RENESAS-CR5AS-12-A1 Datasheet
105Kb / 8P
   Thyristor Medium Power Use
CR5AS-12-T13 RENESAS-CR5AS-12-T13 Datasheet
81Kb / 8P
   Thyristor Medium Power Use
More results

Similar Description - CR5AS-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR1AM-12 MITSUBISHI-BCR1AM-12 Datasheet
106Kb / 5P
   LOW POWER USE GLASS PASSIVATION TYPE
CR02AM-8A MITSUBISHI-CR02AM-8A Datasheet
67Kb / 5P
   LOW POWER USE GLASS PASSIVATION TYPE
CR04AM MITSUBISHI-CR04AM Datasheet
75Kb / 6P
   LOW POWER USE GLASS PASSIVATION TYPE
BCR10UM MITSUBISHI-BCR10UM Datasheet
55Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Powerex Power Semicondu...
CR6PM POWEREX-CR6PM Datasheet
69Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR12UM MITSUBISHI-BCR12UM Datasheet
56Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
CR6PM MITSUBISHI-CR6PM Datasheet
69Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR16UM MITSUBISHI-BCR16UM Datasheet
55Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR8UM MITSUBISHI-BCR8UM Datasheet
55Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR30GM MITSUBISHI-BCR30GM Datasheet
90Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com