Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR22-32L-40K-CMA Datasheet(PDF) 3 Page - Cree, Inc

Part # CR22-32L-40K-CMA
Description  CR22 Architectural LED Troffer with Cree SmartCast Technology
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CR22-32L-40K-CMA Datasheet(HTML) 3 Page - Cree, Inc

  CR22-32L-40K-CMA Datasheet HTML 1Page - Cree, Inc CR22-32L-40K-CMA Datasheet HTML 2Page - Cree, Inc CR22-32L-40K-CMA Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
©
2016 Cree, Inc. and/or one of its subsidiaries. All rights reserved. For informational purposes only. Content is subject to change.
Patent www.cree.com/patents. Cree®, SmartCast®, the SmartCast logo, TrueWhite®, and Cree TrueWhite® are registered trademarks,
and CR22™, the Cree logo, the Cree TrueWhite Technology logo, and OneButton™ are trademarks of Cree, Inc. The UL logo is a
registered trademark of UL LLC. The DLC QPL logo is a registered trademark of Northeast Energy Efficiency Partnerships, Inc.
T
(800) 236-6800 F (262) 504-5415
US: lighting.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada
CR22™ 2' x 2' Architectural LED Troffer with Cree SmartCast® Technology
20˚
50˚
70˚
90˚
291
0
1164
582
873
90˚
Coefficients Of Utilization –
Zonal Cavity Method
RC %:
80
RW %:
70
50
30
10
RCR: 0
119
119
119
119
1
110
105
101
98
2
100
92
86
80
3
91
81
73
67
4
84
72
63
57
5
77
64
55
49
6
71
58
49
43
7
66
52
44
38
8
61
48
39
33
9
57
44
36
30
10
53
40
32
27
Effective Floor Cavity Reflectance: 20%
Zonal Lumen Summary
Zone
Lumens
% Lamp
Luminaire
0-30
925
N/A
28.2%
0-40
1,532
N/A
46.7%
0-60
2,716
N/A
82.7%
0-90
3,284
N/A
100%
0-180
3,284
N/A
100%
Average Luminance Table (cd/m2)
Horizontal Angle
45°
90°
45°
3,517
3,799
3,852
55°
3,117
3,552
3,568
65°
2,439
2,970
3,066
75°
1,559
2,063
1,656
85°
359
203
133
Photometry
CR22-32L-30K BASED ON CSA REPORT TEST #: 2362893-01
Luminaire photometry has been conducted by a NVLAP accredited testing laboratory in accordance with IESNA LM-79-08. IESNA LM-79-08 specifies the entire luminaire as the source
resulting in a luminaire efficiency of 100%.
Reference www.cree.com/Lighting/Products/Indoor/Troffers/CR-Series for detailed photometric data
Open Space
Spacing
Lumens
Wattage
LPW
w/ft2
Average fc
8 x 8
3,200
32W
100
0.55
44
8 x 10
0.44
37
10 x 10
0.35
31
10 x 12
0.29
25
9' ceiling: 80/50/20 reflectances; 2.5' workplane, open room. LLF: 1.0 Initial Open Space: 50' x 40' x 10'
Application Reference
Based on CR22-32L-30K Luminaire
1
Lumen maintenance values at 25˚C are calculated per TM-21 based on LM-80 data and in-situ luminaire testing
2
In accordance with IESNA TM-21-11, Projected Values represent interpolated value based on time durations that are within six times
(6X) the IESNA LM-80-08 total test duration (in hours) for the device under testing ((DUT) i.e. the packaged LED chip)
3
In accordance with IESNA TM-21-11, Calculated Values represent time durations that exceed six times (6X) the IESNA LM-80-08 total
test duration (in hours) for the device under testing ((DUT) i.e. the packaged LED chip)
Recommended CR Series Lumen Maintenance Factors (LMF)1
Ambient
Initial
LMF
25K hr
Projected2
LMF
50K hr
Projected2
LMF
75K hr
Calculated3
LMF
100K hr
Calculated3
LMF
0˚C (32˚F)
1.05
1.04
1.04
1.04
1.04
5˚C (41˚F)
1.04
1.03
1.03
1.03
1.03
10˚C (50˚F)
1.03
1.02
1.02
1.02
1.02
15˚C (59˚F)
1.02
1.01
1.01
1.01
1.01
20˚C (68˚F)
1.01
1.00
1.00
1.00
1.00
25˚C (77˚F)
1.00
0.99
0.99
0.99
0.99
30˚C (86˚F)
0.99
0.98
0.98
0.98
0.98
35˚C (95˚F)
0.98
0.97
0.97
0.97
0.97
40˚C (104˚F)
0.97
0.96
0.96
0.96
0.96


Similar Part No. - CR22-32L-40K-CMA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR22-32L-40K-10V CREE-CR22-32L-40K-10V Datasheet
406Kb / 3P
   CR22 Architectural LED Troffer
CR22-32L-40K-LES CREE-CR22-32L-40K-LES Datasheet
406Kb / 3P
   CR22 Architectural LED Troffer
CR22-32L-40K-S CREE-CR22-32L-40K-S Datasheet
406Kb / 3P
   CR22 Architectural LED Troffer
More results

Similar Description - CR22-32L-40K-CMA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR22-20L-35K-S CREE-CR22-20L-35K-S Datasheet
406Kb / 3P
   CR22 Architectural LED Troffer
CR24-40L-35K-CMA CREE-CR24-40L-35K-CMA Datasheet
371Kb / 3P
   CR24 Architectural LED Troffer
CR14-40L-35K-CMA CREE-CR14-40L-35K-CMA Datasheet
370Kb / 3P
   CR14 Architectural LED Troffer
CR14-40L-35K-S CREE-CR14-40L-35K-S Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
CR24-40L-40K-10V CREE-CR24-40L-40K-10V Datasheet
404Kb / 3P
   CR24 Architectural LED Troffer
CR24 CREE-CR24 Datasheet
333Kb / 2P
   2x4 Architectural LED Troffer
LMH6 CREE-LMH6 Datasheet
772Kb / 5P
   LED Module with Cree TrueWhite Technology
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
522Kb / 5P
   Cree LED Module LMR4 with TrueWhite Technology
LMR040-0700-40F8-10100EW CREE-LMR040-0700-40F8-10100EW Datasheet
550Kb / 5P
   Cree LED Module LMR4 with EasyWhite??Technology
LMR2 CREE-LMR2 Datasheet
513Kb / 5P
   Cree짰 LED Module LMR2 with Cree TrueWhite짰 Technology
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com