Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR22-20L-40K-10V Datasheet(PDF) 2 Page - Cree, Inc

Part # CR22-20L-40K-10V
Description  CR22 Architectural LED Troffer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CR22-20L-40K-10V Datasheet(HTML) 2 Page - Cree, Inc

  CR22-20L-40K-10V Datasheet HTML 1Page - Cree, Inc CR22-20L-40K-10V Datasheet HTML 2Page - Cree, Inc CR22-20L-40K-10V Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada
Product Specifications
CREE TRUEWHITE®TECHNOLOGY
A revolutionary way to generate high-quality white light, Cree TrueWhite® Technology is a patented
approach that delivers an exclusive combination of 90+ CRI, beautiful light characteristics, and
lifelong color consistency, all while maintaining high luminous efficacy – a true no compromise
solution.
CREE LED TECHNOLOGY
Cree’s total systems approach to product development is a comprehensive engineering philosophy
that combines the most advanced LED sources, driver technologies, optics and forms. The result
is highly-reliable luminaire solutions for both indoor and outdoor applications that reduce energy
use, extend lifetimes, and maximize illumination performance and quality.
ROOM-SIDE HEAT SINK
An innovative thermal management system designed to maximize cooling effectiveness
by integrating a unique room-side heat sink into the diffusing lens. This breakthrough
design creates a pleasing architectural aesthetic while conducting heat away from LEDs in
a temperature-controlled environment. This enables the LEDs to consistently run cooler,
providing significant boosts to lifetime, efficacy, and color consistency.
CONSTRUCTION & MATERIALS
• Durable 22-gauge steel housing with standard troffer access plate for electrical
installation
• One-piece lower reflector finished with a textured high reflectance white polyester
powder coating creates a comfortable visual transition from the lens to the ceiling
plane
• Includes t-bar clips and holes for mounting support wires enable recessed or
suspended installation
• Individual luminaires may be mounted end to end for a continuous row of illumination
OPTICAL SYSTEM
• Unique combination of reflective and refractive optical components achieves a
uniform, comfortable appearance while eliminating pixelation and color fringing
• Components work together to optimize distribution, balancing the delivery of high
illuminance levels on horizontal surfaces with an ideal amount of light on walls and
vertical surfaces. This increases the perception of spaciousness
• Diffusing lens integrated with upward-facing LED strip eliminates direct view of LEDs
while lower reflector balances brightness of lens with the ceiling to create a low-glare
high angle appearance
ELECTRICAL SYSTEM
• Integral, high-efficiency driver
• Power Factor: = 0.9 nominal
• Input Power: Stays constant over life.
• Input Voltage: 120-277V or 347V, 50/60Hz
• Operating Temperature Range: 0˚C - + 35˚C (32˚F - + 95˚F)
• Total Harmonic Distortion: < 20%
CONTROLS
• Step dimming to 50%*
• Optional continuous dimming to 5% with 0-10V DC control protocol*
• Optional Lutron EcoSystem® Enabled option allows seamless integration with Lutron
EcoSystem controls*
REGULATORY & VOLUNTARY QUALIFICATIONS
• cULus Listed
• Suitable for damp locations
• Designed for indoor use
• UL924 (EB14 option)
• DLC qualified. Please refer to www.designlights.org/QPL for most current information
• RoHS compliant. Consult factory for additional details
• Meets FCC Part 15 standards for conducted and radiated emissions
 * Reference www.cree.com/lighting for recommended dimming controls and wiring diagrams
CR22™ 2' x 2' Architectural LED Troffer
Recommended CR Series Lumen Maintenance Factors (LMF)1
Ambient
Initial Delivered
Lumens
Initial
LMF
25K hr
Projected2
LMF
50K hr
Projected2
LMF
75K hr
Calculated3
LMF
100K hr
Calculated3
LMF
0˚C (41˚F)
20L and 32L
1.05
1.04
1.04
1.04
1.04
5˚C (41˚F)
20L and 32L
1.04
1.03
1.03
1.03
1.03
10˚C (50˚F)
20L and 32L
1.03
1.02
1.02
1.02
1.02
15˚C (59˚F)
20L and 32L
1.02
1.01
1.01
1.01
1.01
20˚C (68˚F)
20L and 32L
1.01
1.00
1.00
1.00
1.00
25˚C (77˚F)
20L and 32L
1.00
0.99
0.99
0.99
0.99
30˚C (86˚F)
20L and 32L
0.99
0.98
0.98
0.98
0.98
35˚C (95˚F)
20L and 32L
0.98
0.97
0.97
0.97
0.97
40˚C (104˚F)
20L and 32L
0.97
0.96
0.96
0.96
0.96
1
Lumen maintenance values at 25˚C (77˚F) are calculated per TM-21 based on LM-80 data and in-situ luminaire testing
2
In accordance with IESNA TM-21-11, Projected Values represent interpolated value based on time durations that are within six times
(6X) the IESNA LM-80-08 total test duration (in hours) for the device under testing ((DUT) i.e. the packaged LED chip)
3
In accordance with IESNA TM-21-11, Calculated Values represent time durations that exceed six times (6X) the IESNA LM-80-08 total
test duration (in hours) for the device under testing ((DUT) i.e. the packaged LED chip)


Similar Part No. - CR22-20L-40K-10V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CR22-20D-2.54DS HIROSE-CR22-20D-2.54DS Datasheet
183Kb / 5P
   2.54mm Pitch Card Edge Connector
More results

Similar Description - CR22-20L-40K-10V

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR22-32L-35K-CMA CREE-CR22-32L-35K-CMA Datasheet
369Kb / 3P
   CR22 Architectural LED Troffer with Cree SmartCast Technology
CR24-40L-35K-CMA CREE-CR24-40L-35K-CMA Datasheet
371Kb / 3P
   CR24 Architectural LED Troffer
CR14-40L-35K-CMA CREE-CR14-40L-35K-CMA Datasheet
370Kb / 3P
   CR14 Architectural LED Troffer
CR14-40L-35K-S CREE-CR14-40L-35K-S Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
CR24-40L-40K-10V CREE-CR24-40L-40K-10V Datasheet
404Kb / 3P
   CR24 Architectural LED Troffer
CR24 CREE-CR24 Datasheet
333Kb / 2P
   2x4 Architectural LED Troffer
ZR14 CREE-ZR14 Datasheet
392Kb / 5P
   ZR LED Troffer
LR4 CREE-LR4 Datasheet
424Kb / 2P
   Architectural LED Downlight
logo
OSRAM GmbH
GAPSLR31.13 OSRAM-GAPSLR31.13 Datasheet
812Kb / 22P
   Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
   Architectural lighting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com