Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD02N60C3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPD02N60C3
Description  Cool MOS Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD02N60C3 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SPD02N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPD02N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPD02N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPD02N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPD02N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPD02N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPD02N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPD02N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPD02N60C3 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2003-10-02
Page 6
SPD02N60C3
SPU02N60C3
Final data
5 Typ. output characteristic
ID = f (VDS); Tj=150°C
parameter: tp = 10 µs, VGS
0
5
10
15
V
25
VDS
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
A
3
4V
4.5V
5V
5.5V
6V
20V
8V
7V
6.5V
6 Typ. drain-source on resistance
RDS(on)=f(ID)
parameter: Tj=150°C, VGS
0
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4
A
3
ID
2
4
6
8
10
12
14
16
20
4V
4.5V
5V
5,5V
6V
6.5V
7V
8V
20V
7 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 1.1 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
2
4
6
8
10
12
14
17
SPD02N60C3
typ
98%
8 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 10 µs
0
2
4
6
8
10
12
14
16
V
20
VGS
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
A
5.5
25°C
150°C


Similar Part No. - SPD02N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD02N60C3 INFINEON-SPD02N60C3 Datasheet
1Mb / 13P
   Cool MOS Power Transistor
2005-10-05 revision:2.4
SPD02N60C3 INFINEON-SPD02N60C3 Datasheet
1,019Kb / 13P
   Cool MOS Power Transistor
2008-04-07 revision:2.5
logo
Inchange Semiconductor ...
SPD02N60C3 ISC-SPD02N60C3 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPD02N60C3 VBSEMI-SPD02N60C3 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Infineon Technologies A...
SPD02N60C3 INFINEON-SPD02N60C3_05 Datasheet
1Mb / 13P
   Cool MOS Power Transistor
2005-10-05 revision:2.4
More results

Similar Description - SPD02N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com