Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR14-40LHE-50K-CMA Datasheet(PDF) 1 Page - Cree, Inc

Part # CR14-40LHE-50K-CMA
Description  CR14 Architectural LED Troffer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CR14-40LHE-50K-CMA Datasheet(HTML) 1 Page - Cree, Inc

  CR14-40LHE-50K-CMA Datasheet HTML 1Page - Cree, Inc CR14-40LHE-50K-CMA Datasheet HTML 2Page - Cree, Inc CR14-40LHE-50K-CMA Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. Date: V5 02/04/2016
CR Series with Cree SmartCast® Technology
CR14™ 1' x 4' Architectural LED Troffer
Product Description
The CR14™ architectural LED troffer with Cree SmartCast® Technology, Cree's intelligent light solution,
provides extreme energy productivity and code compliance - all with installation that's so intuitive
and simple, it just works. Cree SmartCast® Technology products incorporate integrated ambient and
occupancy sensing and wireless communication to achieve energy savings and extended product life
resulting in lower electricity bills, reduced maintenance, and an improved total cost of ownership over
traditional lighting control systems. And now, CR Series troffers with Cree SmartCast® Technology
offer field adjustable color temperatures, simplifying project specification, ordering and installation by
allowing one troffer to be used in any space regardless of color temperature preference.
Performance Summary
Utilizes Cree TrueWhite® Technology
Room-Side Heat Sink
Efficacy: 100-131 LPW
Initial Delivered Lumens: 4,000 lumens
Input Power: 30.5-40 watts
CRI: 90 CRI
CCT: 3000K, 3500K, 4000K, 5000K, adjustable CCT
Input Voltage: 120-277 VAC
Limited Warranty: 5 years
Controls: Cree SmartCast® Technology
Mounting: Recessed*
CR14
Product
Initial Delivered Lumens
CCT
Voltage
Control
Options
CR14
40L
40W, 4,000 lumens – 100 LPW
40LHE
30.5W, 4,000 lumens – 131 LPW (30K)
32W, 4,000 lumens – 125 LPW (35K)
33W, 4,000 lumens – 121 LPW (40K)
34.5W, 4,000 lumens – 116 LPW (50K)
30K
3000K
35K
3500K
40K
4000K
50K
5000K
ACK
Adjustable CCT: 3000K-5000K
- Available only with 40L
- Factory set at 4000K
- Adjustable in 500K increments
Blank
120-277 Volt
CMA
Cree SmartCast® Technology
- Integral motion and ambient sensors and wireless
communication
EB10W Emergency Battery Backup
- 40L-ACK: 1,000 lumens
- 40LHE-30K: 1,300 lumens
- 40LHE-35K: 1,250 lumens
- 40LHE-40K: 1,200 lumens
- 40LHE-50K: 1,150 lumens
Ordering Information
Example: CR14-40L-35K-CMA
47.7"
(1212mm)
SmartCast®
Control Module
location
11.7"
(297mm)
4.5"
(114mm)
See http://lighting.cree.com/warranty for warranty terms
Accessories
Field-Installed
Drywall Grid Adapter
DGA-24WHT
Cree SmartCast® Technology Configuration Tool
CCT-CWC-1
- One required per project when CMA control is selected
Cree SmartCast® Technology Face Plates‡‡
CFP-1-WH
- Matching Cree face plate, 1-gang, white
CFP-2-WH
- Matching Cree face plate, 2-gang, white
CFP-3-WH
- Matching Cree face plate, 3-gang, white
Cree SmartCast® Technology Wireless Dimmer‡‡
CWD-CWC-WH
Cree SmartCast® Technology Wireless Switch‡‡
CWS-CWC-WH
Refer to the Configuration Tool spec sheet for more details
‡‡
Refer to the Wireless Dimmer Smartcast Control spec sheet for more details
* Acceptable for use with standard 9/16 T-Bar or larger when installed per installation instructions. Consult factory for non-standard grid applications
T
(800) 236-6800 F (262) 504-5415
US: lighting.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada


Similar Part No. - CR14-40LHE-50K-CMA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR14-40LHE-50K-10V CREE-CR14-40LHE-50K-10V Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
CR14-40LHE-50K-S CREE-CR14-40LHE-50K-S Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
More results

Similar Description - CR14-40LHE-50K-CMA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR14-40L-35K-S CREE-CR14-40L-35K-S Datasheet
412Kb / 3P
   CR14 Architectural LED Troffer
CR24-40L-35K-CMA CREE-CR24-40L-35K-CMA Datasheet
371Kb / 3P
   CR24 Architectural LED Troffer
CR22-20L-35K-S CREE-CR22-20L-35K-S Datasheet
406Kb / 3P
   CR22 Architectural LED Troffer
CR24-40L-40K-10V CREE-CR24-40L-40K-10V Datasheet
404Kb / 3P
   CR24 Architectural LED Troffer
CR24 CREE-CR24 Datasheet
333Kb / 2P
   2x4 Architectural LED Troffer
CR22-32L-35K-CMA CREE-CR22-32L-35K-CMA Datasheet
369Kb / 3P
   CR22 Architectural LED Troffer with Cree SmartCast Technology
ZR14 CREE-ZR14 Datasheet
392Kb / 5P
   ZR LED Troffer
LR4 CREE-LR4 Datasheet
424Kb / 2P
   Architectural LED Downlight
logo
OSRAM GmbH
GAPSLR31.13 OSRAM-GAPSLR31.13 Datasheet
812Kb / 22P
   Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
   Architectural lighting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com