Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR6-625L-40K-12-GU24 Datasheet(PDF) 2 Page - Cree, Inc

Part # CR6-625L-40K-12-GU24
Description  CR6 LED Downlight - 6
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CR6-625L-40K-12-GU24 Datasheet(HTML) 2 Page - Cree, Inc

  CR6-625L-40K-12-GU24 Datasheet HTML 1Page - Cree, Inc CR6-625L-40K-12-GU24 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2015 Cree, Inc. and/or one of its subsidiaries. All rights reserved. For informational purposes only. Content is subject to change.
Patent www.cree.com/patents. Cree®, TrueWhite®, and Cree TrueWhite® are registered trademarks, and the Cree logo, CR6™, the
Cree TrueWhite Technology logo, and the Quick Ship logo are trademarks of Cree, Inc. ENERGY STAR® and the ENERGY STAR logo
are registered trademarks of the U.S. Environmental Protection Agency. The UL logo is a registered trademark of UL LLC.
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada
Reference www.cree.com/Lighting/Products/Indoor/Downlights-US/
CR-Series for detailed photometric data
Photometry
CR6-800L-27K-12-E26 BASED ON ONSPEX REPORT #: 2444322
CR6-625L: MULTIPLY BY 0.78
Luminaire photometry has been conducted by a NVLAP accredited testing laboratory in
accordance with IESNA LM-79-08. IESNA LM-79-08 specifies the entire luminaire as the
source resulting in a luminaire efficiency of 100%.
Open Space
Spacing
Lumens
Wattage
LPW
w/ft2
Average FC
4 x 4
625
9.5
66
0.60
36
6 x 6
0.28
18
8 x 8
0.15
10
10 x 10
0.10
7
4 x 4
800
12
67
0.76
47
6 x 6
0.35
22
8 x 8
0.19
13
10 x 10
0.13
8
10' Ceiling, 80/50/20 Reflectances, 2.5 workplane. LLF: 1.0 Initial. Open Space: 50' x 40' x 10'
Corridor
Spacing
Lumens
Wattage
LPW
w/ft2
Average FC
4' on Center
625
9.5
66
0.40
13
6' on Center
0.27
9
8' on Center
0.20
7
10' on Center
0.17
6
4' on Center
800
12
67
0.51
17
6' on Center
0.34
11
8' on Center
0.25
8
10' on Center
0.21
7
10' Ceiling, 80/50/20 Reflectances, Light levels on the ground. LLF: 1.0 Initial. Corridor: 6' Wide x 100' Long
Application Reference
NOTE: Reference www.cree.com/Lighting/Products/Indoor/Downlights-US/CR-Series for
detailed installation instructions
20˚
50˚
70˚
90˚
112
0
447
224
335
90˚
Product Specifications
CREE TRUEWHITE® TECHNOLOGY
A revolutionary way to generate high-quality white light, Cree TrueWhite® Technology is
a patented approach that delivers an exclusive combination of 90+ CRI, beautiful light
characteristics, and lifelong color consistency, all while maintaining high luminous efficacy –
a true no compromise solution.
CONSTRUCTION & MATERIALS
• Durable upper housing protects LEDs, driver and power supply. Adjustable flip clips
resist heat while providing retention for flush ceiling fit
• Thermal management system uses both upper housing and lower reflector to conduct
heat away from LEDs and transfer it to the plenum space for optimal performance.
LED junction temperatures stay below specified maximum even when installed in
insulated ceilings
• Suitable for insulated and non-insulated ceilings
• One-piece aluminum lower reflector redirects light while also conducting heat away
from LEDs. It creates a comfortable visual transition from the lens to the ceiling plane
and easily accommodates CT6 snap-in trims
OPTICAL SYSTEM
• Unique combination of reflective and refractive optical components achieves a
uniform, comfortable appearance while eliminating pixelation and color fringing. This
ensures smooth light patterns are projected with no hot spots and minimal striations
• Components work together to optimize distribution, balancing the delivery of high
illuminance levels on horizontal surfaces with an ideal amount of light on walls and
vertical surfaces. This increases the perception of spaciousness
• Diffusing polycarbonate lens shields direct view of LEDs while lower reflector
balances brightness of lens with the ceiling to create a low-glare high angle
appearance
ELECTRICAL SYSTEM
• Integral, high-efficiency driver and power supply
• Power Factor: > 0.9
• Total Harmonic Distortion: < 20%
• Input Voltage: 120V, 60Hz
• Dimming: Dimmable to 5% with most incandescent dimmers. Reference www.cree.
com/Lighting/Products/Indoor/Downlights-US/CR-Series for recommended dimmers
• Operating Temperature Range: 0˚C - +35˚C (32˚F - +95˚F)
REGULATORY & VOLUNTARY QUALIFICATIONS
• ENERGY STAR® qualified. Please refer to
http://www.energystar.gov/certified-products/certified-products?c=products.pr_find_
es_products&s=mega for most current information
• cULus Classified
• Suitable for wet locations for covered ceilings only
• Exceeds California Title-24 high efficacy luminaire requirements Please refer to
http://www.appliances.energy.ca.gov/AdvancedSearch.aspx for most current
information
• Meets FCC Part 15 standards for conducted and radiated emissions
Zonal Lumen Summary
Zone
Lumens
% Lamp
Luminaire
0-30
335
N/A
42.5%
0-40
513
N/A
65.0%
0-60
716
N/A
90.8%
0-90
789
N/A
100.0%
Average Luminance Table (cd/m2)
Horizontal Angle
45°
90°
45°
17,630
18,200
18,559
55°
10,723
10,960
11,192
65°
7,339
7,378
7,499
75°
7,252
7,279
7,384
85°
4,818
4,996
5,477
Coefficients Of Utilization –
Zonal Cavity Method
RC %:
80
RW %:
70
50
30
10
RCR: 0
119
119
119
119
1
111
107
104
101
2
103
96
91
86
3
96
87
80
75
4
89
79
71
66
5
83
72
64
59
6
77
66
58
53
7
72
60
53
47
8
68
56
48
43
9
64
52
44
39
10
60
48
41
36
Effective Floor Cavity Reflectance: 20%
Installation
• Designed to easily install in standard 6″ (152mm) downlight
housings with minimum housing height of 6.5″ (165mm) and
diameter of 5.75″ - 6.5″ (146mm - 165mm)
• Quick install system utilizes a unique retention feature.Simply
attach socket to CR6. Move light to ready position and slide
into housing
CR6™ LED Downlight - 6″


Similar Part No. - CR6-625L-40K-12-GU24

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CR6-06S-3.96DS HIROSE-CR6-06S-3.96DS Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
CR6-06S-3.96E HIROSE-CR6-06S-3.96E Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
CR6-10S-3.96DS HIROSE-CR6-10S-3.96DS Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
CR6-10S-3.96E HIROSE-CR6-10S-3.96E Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
CR6-12S-3.96DS HIROSE-CR6-12S-3.96DS Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
More results

Similar Description - CR6-625L-40K-12-GU24

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LE6 CREE-LE6 Datasheet
751Kb / 2P
   6 Adjustable LED Downlight
LR6 CREE-LR6 Datasheet
409Kb / 2P
   LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
   LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
   LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
   LED Downlight
LR4 CREE-LR4 Datasheet
424Kb / 2P
   Architectural LED Downlight
logo
P-tec Corporation
PLSO-LVDL13W-90 P-TEC-PLSO-LVDL13W-90 Datasheet
191Kb / 2P
   Dimmable LED Downlight
logo
Cree, Inc
LR6-DR650 CREE-LR6-DR650 Datasheet
506Kb / 2P
   Deep Recess LED Downlight
logo
Dialight Corporation
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
   DuroSite짰 Series LED Downlight
RTO2W07001 DIALIGHT-RTO2W07001 Datasheet
147Kb / 2P
   SafeSite짰 Series LED Downlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com