Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH52480800BCNDWNTHLWN Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH52480800BCNDWNTHLWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH52480800BCNDWNTHLWN Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH52480800BCNDWNTHLWN Datasheet HTML 6Page - Jewel Hill Electronic JH52480800BCNDWNTHLWN Datasheet HTML 7Page - Jewel Hill Electronic JH52480800BCNDWNTHLWN Datasheet HTML 8Page - Jewel Hill Electronic JH52480800BCNDWNTHLWN Datasheet HTML 9Page - Jewel Hill Electronic JH52480800BCNDWNTHLWN Datasheet HTML 10Page - Jewel Hill Electronic JH52480800BCNDWNTHLWN Datasheet HTML 11Page - Jewel Hill Electronic JH52480800BCNDWNTHLWN Datasheet HTML 12Page - Jewel Hill Electronic JH52480800BCNDWNTHLWN Datasheet HTML 13Page - Jewel Hill Electronic JH52480800BCNDWNTHLWN Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH52480800B
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
NC
NC
2
VDD3
The
power supply 2.8V
3
VDD3
The
power supply 2.8V
4
NC
NC
5
VDDIO
The
power supply 1.8/2.8V
6
NC
NC
7
PCLK
Dot clock signal
8
DE
Data ENEABLE signal
9
HSYNC
RGB I/F line synchronous signal
10
VSYNC
RGB I/F frame synchronous signal
11
NC
NC
12
SDI
SPI interface input in
13
CS
Chip select pin
14
SCL
In spi mode it serves as synchronus clock
15
GND
GROUND
16~23
DB0~DB7
Blue data
24
GND
GROUND
25~32
DG0~DG7
Greed data
33
GND
GROUND
34~41
DR0~DR7
Red data
42
GND
GROUND
43
RESET
RESET pin
44
CABA_PWM
Back light control pin
45
LCD-ID
NC
46~47
LED-
LED-
48
NC
NC
49~50
LED+
LED+
51
GND
GROUND


Similar Part No. - JH52480800BCNDWNTHLWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH52480800A JHE-JH52480800A Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH52480800ACNDMNFFCWC JHE-JH52480800ACNDMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH52480800ACNDMNFFCWN JHE-JH52480800ACNDMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH52480800ACNDMNFFEWC JHE-JH52480800ACNDMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH52480800ACNDMNFFEWN JHE-JH52480800ACNDMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH52480800BCNDWNTHLWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com