Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM2-1700-0045B Datasheet(PDF) 4 Page - Cree, Inc

Part # CPM2-1700-0045B
Description  Silicon Carbide Power MOSFET C2M MOSFET Technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CPM2-1700-0045B Datasheet(HTML) 4 Page - Cree, Inc

  CPM2-1700-0045B Datasheet HTML 1Page - Cree, Inc CPM2-1700-0045B Datasheet HTML 2Page - Cree, Inc CPM2-1700-0045B Datasheet HTML 3Page - Cree, Inc CPM2-1700-0045B Datasheet HTML 4Page - Cree, Inc CPM2-1700-0045B Datasheet HTML 5Page - Cree, Inc CPM2-1700-0045B Datasheet HTML 6Page - Cree, Inc CPM2-1700-0045B Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
CPM2-1700-0045B Rev. A, 02-2016
Typical Performance
0
25
50
75
100
125
0
2
4
6
8
10
12
14
Gate-Source Voltage, VGS (V)
Conditions:
VDS = 20 V
tp < 200 µs
TJ = 150 °C
TJ = -40 °C
TJ = 25 °C
-150
-120
-90
-60
-30
0
-7
-6
-5
-4
-3
-2
-1
0
Drain-Source Voltage VDS (V)
Conditions:
TJ = -40°C
tp < 200 µs
VGS = -2 V
VGS = -5 V
VGS = 0 V
-150
-120
-90
-60
-30
0
-7
-6
-5
-4
-3
-2
-1
0
Drain-Source Voltage VDS (V)
Conditions:
TJ = 25°C
tp < 200 µs
VGS = -2 V
VGS = -5 V
VGS = 0 V
-150
-120
-90
-60
-30
0
-7
-6
-5
-4
-3
-2
-1
0
Drain-Source Voltage VDS (V)
Conditions:
TJ = 150°C
tp < 200 µs
VGS = -2 V
VGS = -5 V
VGS = 0 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
-25
0
25
50
75
100
125
150
Junction Temperature TJ (°C)
Conditons
VGS =VDS
IDS = 18 mA
-5
0
5
10
15
20
25
0
20
40
60
80
100
120
140
160
180
200
Gate Charge, QG (nC)
Conditions:
IDS = 50 A
IGS = 100 mA
VDS = 1200 V
TJ = 25 °C
Figure 7. Transfer Characteristic For
VariousJunctionTemperatures
Figure 8. Body Diode Characteristic at -40 ºC
Figure 9. Body Diode Characteristic at 25 ºC
Figure 10. Body Diode Characteristic at 150 ºC
Figure 11. Threshold Voltage vs. Temperature
Figure 12. Gate Charge Characteristic


Similar Part No. - CPM2-1700-0045B

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPM2-1700-0045A CREE-CPM2-1700-0045A Datasheet
624Kb / 7P
   Silicon Carbide Power MOSFET
More results

Similar Description - CPM2-1700-0045B

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPM2-1200-0040B CREE-CPM2-1200-0040B Datasheet
789Kb / 7P
   Silicon Carbide Power MOSFET C2M MOSFET Technology
CPM2-1200-0160B CREE-CPM2-1200-0160B Datasheet
833Kb / 7P
   Silicon Carbide Power MOSFET C2M MOSFET Technology
C2M0045170P CREE-C2M0045170P Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET C2M MOSFET Technology
CPM2-1200-0025B CREE-CPM2-1200-0025B Datasheet
923Kb / 7P
   Silicon Carbide Power MOSFET C2M MOSFET Technology
C2M0080170P CREE-C2M0080170P Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET C2M MOSFET Technology
logo
WOLFSPEED, INC.
C2M0040120D WOLFSPEED-C2M0040120D Datasheet
972Kb / 11P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 3, 04-2021
C2M0025120D WOLFSPEED-C2M0025120D Datasheet
893Kb / 11P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 5, 04-2021
C2M0280120D WOLFSPEED-C2M0280120D Datasheet
789Kb / 11P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 3, 02-2021
CPM2-1200-0080A WOLFSPEED-CPM2-1200-0080A Datasheet
533Kb / 7P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 1, 09-2020
C2M1000170D WOLFSPEED-C2M1000170D Datasheet
918Kb / 11P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 9, 06-2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com