Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLP34RGB2W3A Datasheet(PDF) 7 Page - Rohm

Part # SMLP34RGB2W3A
Description  The smallest class 3 color type LED in the world PICOLEDTM-RGB
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP34RGB2W3A Datasheet(HTML) 7 Page - Rohm

  SMLP34RGB2W3A Datasheet HTML 1Page - Rohm SMLP34RGB2W3A Datasheet HTML 2Page - Rohm SMLP34RGB2W3A Datasheet HTML 3Page - Rohm SMLP34RGB2W3A Datasheet HTML 4Page - Rohm SMLP34RGB2W3A Datasheet HTML 5Page - Rohm SMLP34RGB2W3A Datasheet HTML 6Page - Rohm SMLP34RGB2W3A Datasheet HTML 7Page - Rohm SMLP34RGB2W3A Datasheet HTML 8Page - Rohm SMLP34RGB2W3A Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SMLP34 Series
2014.11 - Rev.I
7/8
3. Others
3-1. Surrounding Gas
Notice that if it is stored under the condition of acid gas (chlorine gas, sulfured gas) or alkali gas (ammonia), it
may result in low soldering ability (caused by the change in quality of the plating surface ) or optical
characteristics changes (light intensity, chrominance) and change in quality of die bonding (Ag-paste) materials.
All of the above will cause function failure of the products.
Therefore, please pay attention to the storage environment for mounted product (concern the generated gas of
the surrounding parts of the products and the atmospheric environment).
3-2. Electrostatic Damage
The product is part of semiconductor and electrostatic sensitive, there’s high possibility to be damaged by the
electrostatic discharge. Please take appropriate measures to avoid the static electricity from human body and
earthing of production equipment. The resistance values of electrostatic discharge (actual values) vary with
products, therefore, please call our Sales staffs for inquiries.
3-3. Electromagnetic Wave
Please concern the influence on LED in case of application with strong electromagnetic wave such as IH
(Induction heating).
4.Mounting
4-1. Soldering
• No resin hardening agent such as filler is used in the sealing resin of the product. Therefore, resin expansion
and moisture absorption at humidity will cause heat stress during soldering process and finally has bad
influence on the product’s reliability.
• The product is not for flow soldering.
• Do not expose the product in the environment of high temperature (over 100ºC) or rapid temperature shift
(within 3ºC of temperature gradient) during the flow soldering of surrounding parts.
• Please set appropriate reflow temperature based on our product usage conditions and specification.
• The max for reflowing is 2 times, please finish the second flow soldering and flow soldering with other parts
within the usage limitation after open the moistureproof package.
• Compare with N2 reflow, during air reflow, because of the heat and surrounding conditions, it may cause the
discoloration of the resin.
4-2. Automatic Mounting
4-2-1.Silicon Resin Sealing Product
The sealing resin of LED is very soft, so please select adsorption nozzle that would not apply stress directly
on the sealing section.
4-2-2.Mini Package (Smaller than 1006 size)
Vibration may result in low mounting rate since it will cause the static electricity of product and adhere to top
cover tape. Therefore, the magnet should be set on parts feeder cassette of the mounter to control the product
stabilization. In addition, it is recommended to set ionizer to prevent electrostatic charge.
4-3. Mounting Location
The stress like bending stress of circuit board dividing after mounting, may cause LED package crack or
damage of LED internal junction, therefore, please concern the mounting direction and position to avoid bending
or screwing with great stress of the circuit board.


Similar Part No. - SMLP34RGB2W3A

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP34RGB2W3 ROHM-SMLP34RGB2W3 Datasheet
384Kb / 11P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
More results

Similar Description - SMLP34RGB2W3A

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP36RGB ROHM-SMLP36RGB Datasheet
402Kb / 11P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP34RGB ROHM-SMLP34RGB Datasheet
384Kb / 11P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP3 ROHM-SMLP3 Datasheet
818Kb / 4P
   The smallest 3 color type LED in the world PICOLED-RGB
SMLP3 ROHM-SMLP3_11 Datasheet
1Mb / 4P
   The smallest 3 color type LED in the world
logo
Omron Electronics LLC
A165E OMRON-A165E Datasheet
1Mb / 12P
   Separate Construction with Smallest Class of Depth in the World
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
Soshin electric Co., Lt...
NF3000C-SVA SOSHIN-NF3000C-SVA Datasheet
286Kb / 4P
   3-phase 3-line 500VAC The smallest footprint in the class
logo
Hirose Electric
H.FL-LP-A32 HIROSE-H.FL-LP-A32 Datasheet
277Kb / 6P
   THE world smallest low-profile coaxial connectors
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
   The Smallest Dimension in the Market
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com