Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RER190-14 Datasheet(PDF) 11 Page - ebm-papst

Part # RER190-14
Description  Product Data Sheet RER190-39/14/2TDMO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RER190-14 Datasheet(HTML) 11 Page - ebm-papst

Back Button RER190-14 Datasheet HTML 5Page - ebm-papst RER190-14 Datasheet HTML 6Page - ebm-papst RER190-14 Datasheet HTML 7Page - ebm-papst RER190-14 Datasheet HTML 8Page - ebm-papst RER190-14 Datasheet HTML 9Page - ebm-papst RER190-14 Datasheet HTML 10Page - ebm-papst RER190-14 Datasheet HTML 11Page - ebm-papst RER190-14 Datasheet HTML 12Page - ebm-papst RER190-14 Datasheet HTML 13Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product Data Sheet RER190-39/14/2TDMO
06/16/2015
page 11 of 13
4
Environment
4.1
General
Min. permitted ambient temperature TU min.
-20 °C
Max. permitted ambient temperature TU max.
65 °C
Min. permitted storage temperature TL min.
-40 °C
Max. permitted storage temperature TL max.
80 °C
4.2
Climatic requirements*)
Humidity requirements
humid heat, constant; according to DIN EN 60068-2-
78, 14 days
Water exposure
None
Dust requirements
None
Salt fog requirements
None
*) Permittet application area:
The product is intended for use in sheltered rooms with controlled temperature and controlled humidity. Directly
exposure to water must be avoided.
Pollution degree 1 (according DIN EN 60664-1)
There is either no pollution or it occurs only dry, non-conductive pollution. The pollution has no negative impact.


Similar Part No. - RER190-14

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RER190-39/14/2TDLOU EBMPAPST-RER190-39/14/2TDLOU Datasheet
469Kb / 1P
   DC centrifugal fans
More results

Similar Description - RER190-14

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RER220-43 EBMPAPST-RER220-43 Datasheet
571Kb / 13P
   Product Data Sheet RER220-43/18/2TDMO
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
logo
Murata Manufacturing Co...
PLA10AS1321R7D2B MURATA-PLA10AS1321R7D2B Datasheet
219Kb / 3P
   Product Search Data Sheet
logo
Lite-On Technology Corp...
LTV-824S LITEON-LTV-824S Datasheet
893Kb / 19P
   Photocoupler Product Data Sheet
logo
Murata Manufacturing Co...
PLA10AS1230R6R2B MURATA-PLA10AS1230R6R2B Datasheet
220Kb / 3P
   Product Search Data Sheet
PLA10AS1330R5D2B MURATA-PLA10AS1330R5D2B Datasheet
219Kb / 3P
   Product Search Data Sheet
logo
Lite-On Technology Corp...
4N35S-TA1 LITEON-4N35S-TA1 Datasheet
616Kb / 12P
   Photocoupler Product Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Lite-On Technology Corp...
LTV-824 LITEON-LTV-824 Datasheet
893Kb / 19P
   Photocoupler Product Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com