Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA601C025D Datasheet(PDF) 2 Page - Cree, Inc

Part # CMPA601C025D
Description  25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA601C025D Datasheet(HTML) 2 Page - Cree, Inc

  CMPA601C025D Datasheet HTML 1Page - Cree, Inc CMPA601C025D Datasheet HTML 2Page - Cree, Inc CMPA601C025D Datasheet HTML 3Page - Cree, Inc CMPA601C025D Datasheet HTML 4Page - Cree, Inc CMPA601C025D Datasheet HTML 5Page - Cree, Inc CMPA601C025D Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
CMPA601C025D Rev 1.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
Fax: +1.919.869.2733
www.cree.com/RF
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their respective
owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
Absolute Maximum Ratings (not simultaneous) at 25˚C
Parameter
Symbol
Rating
Units
Conditions
Drain-source Voltage
V
DSS
84
V
DC
25˚C
Gate-source Voltage
V
GS
-10, +2
V
DC
25˚C
Storage Temperature
T
STG
-55, +150
˚C
Operating Junction Temperature
T
J
225
˚C
Maximum Forward Gate Current
I
GMAX
15
mA
25˚C
Maximum Drain Current1
I
DMAX
0.6
A
Stage 1, 25˚C
Maximum Drain Current1
I
DMAX
1.7
A
Stage 2, 25˚C
Maximum Drain Current1
I
DMAX
4.8
A
Stage 3, 25˚C
Thermal Resistance, Junction to Case (packaged)
R
θ
JC
0.83
˚C/W
85˚C, P
DISS = 92.8 W in 440213 package
Thermal Resistance, Junction to Case (die only) 2
R
θ
JC
0.36
˚C/W
85˚C, P
DISS = 92.8 W
Mounting Temperature (30 seconds)
T
S
320
˚C
30 seconds
Note1 Current limit for long term, reliable operation
Note2 Eutectic die attach using 80/20 AuSn mounted to a 10mil thick CuMo carrier.
Electrical Characteristics (Frequency = 6.0 GHz to 12.0 GHz unless otherwise stated; T
C = 25˚C)
Characteristics
Symbol
Min.
Typ.
Max.
Units
Conditions
DC Characteristics
Gate Threshold
V
TH
-3.8
-2.8
-2.3
V
V
DS = 10 V, ID = 23.2 mA
Drain-Source Breakdown Voltage
V
BD
84
100
V
V
GS = -8 V, ID = 23.2 mA
RF Characteristics2
Small Signal Gain @ 6 GHz
S21
29.8
35
dB
V
DD = 28 V, IDQ = 2.4 A, PIN = 10 dBm
Small Signal Gain @ 10 GHz
S21
30.2
35
dB
V
DD = 28 V, IDQ = 2.4 A, PIN = 10 dBm
Small Signal Gain @ 12 GHz
S21
27.8
35
dB
V
DD = 28 V, IDQ = 2.4 A, PIN = 10 dBm
Power Output
P
OUT
45.5
47
W
V
DD = 28 V, IDQ = 2.4 A, PIN = 19 dBm,
Frequency = 6.0, 10.0, 12.0 GHz
Power Added Efficiency @ 6 GHz
PAE
23.0
30
%
V
DD = 28 V, IDQ = 2.4 A, PIN = 19 dBm
Power Added Efficiency @ 10 GHz
PAE
23.3
32
%
V
DD = 28 V, IDQ = 2.4 A, PIN = 19 dBm
Power Added Efficiency @ 12 GHz
PAE
23.7
31
%
V
DD = 28 V, IDQ = 2.4 A, PIN = 19 dBm
Power Gain
G
P
28
dB
V
DD = 28 V, IDQ = 2.4 A, PIN = 19 dBm
Input Return Loss
S11
-10
dB
V
DD = 28 V, IDQ = 2.4 A
Output Return Loss
S22
-8
dB
V
DD = 28 V, IDQ = 2.4 A
Output Mismatch Stress
VSWR
5 : 1
Y
No damage at all phase angles,
V
DD = 28 V, IDQ = 2.4 A,
P
OUT = 25W CW
Notes:
1
Scaled from PCM data.
2
All data pulse tested on-wafer with Pulse Width = 10 μs, Duty Cycle = 0.1%.


Similar Part No. - CMPA601C025D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA601C025D WOLFSPEED-CMPA601C025D Datasheet
2Mb / 20P
   6 - 12 GHz, 40 W GaN HPA
Rev. 3.0, December2021
More results

Similar Description - CMPA601C025D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
logo
Cree, Inc
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
   25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA801B030F1 WOLFSPEED-CMPA801B030F1 Datasheet
1Mb / 16P
   35 W, 8.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 0.0 February 2021
CMPA0760020F WOLFSPEED-CMPA0760020F Datasheet
807Kb / 17P
   0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com