Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA1D1E030D Datasheet(PDF) 5 Page - Cree, Inc

Part # CMPA1D1E030D
Description  30 W, 13.75 - 14.5 GHz, 40 V, GaN MMIC, Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA1D1E030D Datasheet(HTML) 5 Page - Cree, Inc

  CMPA1D1E030D Datasheet HTML 1Page - Cree, Inc CMPA1D1E030D Datasheet HTML 2Page - Cree, Inc CMPA1D1E030D Datasheet HTML 3Page - Cree, Inc CMPA1D1E030D Datasheet HTML 4Page - Cree, Inc CMPA1D1E030D Datasheet HTML 5Page - Cree, Inc CMPA1D1E030D Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
CMPA1D1E030D Rev 0, Preliminary
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
Fax: +1.919.869.2733
www.cree.com/RF
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their respective
owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
Part Number System
Parameter
Value
Units
Lower Frequency
13.75
GHz
Upper Frequency1
14.5
GHz
Power Output
30
W
Package
Bare Die
-
Table 1.
Note1: Alpha characters used in frequency
code indicate a value greater than 9.9 GHz.
See Table 2 for value.
Character Code
Code Value
A
0
B
1
C
2
D
3
E
4
F
5
G
6
H
7
J
8
K
9
Examples:
1A = 10.0 GHz
2H = 27.0 GHz
Table 2.
Package
Power Output (W)
Upper Frequency (GHz)
Lower Frequency (GHz)
Cree MMIC Power Amplifier Product Line
CMPA1D1E030D


Similar Part No. - CMPA1D1E030D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA1D1E030D WOLFSPEED-CMPA1D1E030D Datasheet
1Mb / 7P
   30 W, 13.75 - 14.5 GHz, 40 V GaN MMIC, Power Amplifier
Rev. 2.0, 2022-9-20
More results

Similar Description - CMPA1D1E030D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA1D1E030D WOLFSPEED-CMPA1D1E030D Datasheet
1Mb / 7P
   30 W, 13.75 - 14.5 GHz, 40 V GaN MMIC, Power Amplifier
Rev. 2.0, 2022-9-20
CMPA1D1E025F WOLFSPEED-CMPA1D1E025F Datasheet
2Mb / 19P
   25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA1D1E025F CREE-CMPA1D1E025F Datasheet
3Mb / 17P
   25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
CMPA1D1E080F CREE-CMPA1D1E080F Datasheet
1Mb / 11P
   80 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN, Power Amplifier
logo
Transcom, Inc.
TC4542 TRANSCOM-TC4542 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2 W MMIC
TC4522 TRANSCOM-TC4522 Datasheet
62Kb / 2P
   13.75 - 14.5 GHz 0.5 W MMIC
TC4531 TRANSCOM-TC4531 Datasheet
81Kb / 3P
   13.75 - 14.5 GHz 1 W MMIC
logo
Tyco Electronics
MAAPSS0111 MACOM-MAAPSS0111 Datasheet
145Kb / 6P
   1.25 W VSAT Power Amplifier 13.75-14.5 GHz
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2W MMIC
logo
Transcom, Inc.
TC4523 TRANSCOM-TC4523 Datasheet
102Kb / 3P
   13.75 - 14.5 GHz 0.5W MMIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com