Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3G220-RD53-03 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # R3G220-RD53-03
Description  EC centrifugal fans - RadiCal짰 Series R3G220 RD 횠220 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R3G220-RD53-03 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  R3G220-RD53-03 Datasheet HTML 1Page - List of Unclassifed Manufacturers R3G220-RD53-03 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.42(86.9+1)
2.51(63.7)
0.24
(6)
3.35
(85
+10)
17.72
(450
+20)
3.54(90+0.2)
0.03(0.8)
2.28(58+0.2)
0.83(21)
3.62(92+1)
Connection line PVC
3G AWG20; 4x brass
lead tips crimped
Depth of screw max. 10mm
Accessory part: Inlet nozzle
09576-2-4013, not included
in the standard scope of delivery
Depth of screw max. 5mm
Connection line PVC
3G AWG20; 3x brass
lead tips crimped
R3G220-RDXX-XX
pfs @ rho=1,2 kg/m³
qv [m³/h]
1400
1200
1000
800
600
400
200
0
qv [CFM]
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
00
1100
1050
1000
950
900
850
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
0
4,4
4,2
4
3,8
3,6
3,4
3,2
3
2,8
2,6
2,4
2,2
2
1,8
1,6
1,4
1,2
1
0,8
0,6
0,4
0,2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Measurement: LU-132488
Air performance measured
as per: ISO 5801, Installation
category A, without protection
against accidental contact.
Suction-side noise levels:
LWA as per ISO 13347, LPA
measured at 1m distance to
fan axis.
The values given are valid
under the measuring
conditions mentioned and may
vary according to the actual
installation situation.
With any deviation to the
standard set-up, the specific
values have to be checked
and reviewed once installed
or fitted.
For detailed information on
the measuring set-up, please
contact ebm-papst.
R3G220-RD53-03
Curves
n
rpm
Pe
W
I
A
(230V)
LwA
dB(A)
1
2
3
4
5
6
7
8
9
10
11
12
A
A
A
A
A
A
A
A
A
A
A
A
13
14
15
16
A
A
A
A
1
2
3
4
5
6
7
8
9
10
11
12
A
A
A
A
A
A
A
A
A
A
A
A
13
14
15
16
A
A
A
A
3540
168
1.40
78
3370
168
1.40
73
3230
168
1.40
70
3310
168
1.40
74
3000
99
0.82
73
3000
115
0.96
70
3000
135
1.12
68
3000
121
1.01
70
2400
51
0.42
68
2400
59
0.49
64
2400
69
0.57
63
2400
62
0.51
65
1800
21
0.18
61
1800
25
0.21
57
1800
29
0.24
55
1800
26
0.22
58
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B


Similar Part No. - R3G220-RD53-03

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R3G220-RD53-03 EBMPAPST-R3G220-RD53-03 Datasheet
723Kb / 2P
   EC centrifugal fans - RadiCal
More results

Similar Description - R3G220-RD53-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R3G190RD ETC2-R3G190RD Datasheet
673Kb / 2P
   EC centrifugal fans - RadiCal짰 Series R3G190 RD 횠190 mm
R2E220 ETC2-R2E220 Datasheet
588Kb / 2P
   AC centrifugal fans - RadiCal짰 Series R2E220 RA 횠220 mm
R3G250RE ETC2-R3G250RE Datasheet
716Kb / 2P
   EC centrifugal fans - RadiCal짰 Series R3G250 RE 횠250 mm
R3G225RE ETC2-R3G225RE Datasheet
671Kb / 2P
   EC centrifugal fans - RadiCal짰 Series R3G225 RE 횠225 mm
R2E250RB ETC2-R2E250RB Datasheet
636Kb / 2P
   AC centrifugal fans - RadiCal짰
logo
ebm-papst
R3G560-AH29-66F EBMPAPST-R3G560-AH29-66F Datasheet
1Mb / 2P
   EC centrifugal fans
R3G630-AB30-63F EBMPAPST-R3G630-AB30-63F Datasheet
1Mb / 2P
   EC centrifugal fans
R3G500-AG34-63F EBMPAPST-R3G500-AG34-63F Datasheet
1Mb / 2P
   EC centrifugal fans
logo
List of Unclassifed Man...
R2E225RA ETC2-R2E225RA Datasheet
570Kb / 2P
   AC centrifugal fans - RadiCal짰 Series R2E225 RA 횠225 mm
logo
ebm-papst
R3G225-RE EBMPAPST-R3G225-RE Datasheet
671Kb / 2P
   EC centrifugal fans - RadiCal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com