Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHB7016AFGRCANUA Datasheet(PDF) 7 Page - Jewel Hill Electronic

Part # JHB7016AFGRCANUA
Description  SPECIFICATIONS FOR LCD MODULE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHB7016AFGRCANUA Datasheet(HTML) 7 Page - Jewel Hill Electronic

Back Button JHB7016AFGRCANUA Datasheet HTML 3Page - Jewel Hill Electronic JHB7016AFGRCANUA Datasheet HTML 4Page - Jewel Hill Electronic JHB7016AFGRCANUA Datasheet HTML 5Page - Jewel Hill Electronic JHB7016AFGRCANUA Datasheet HTML 6Page - Jewel Hill Electronic JHB7016AFGRCANUA Datasheet HTML 7Page - Jewel Hill Electronic JHB7016AFGRCANUA Datasheet HTML 8Page - Jewel Hill Electronic JHB7016AFGRCANUA Datasheet HTML 9Page - Jewel Hill Electronic JHB7016AFGRCANUA Datasheet HTML 10Page - Jewel Hill Electronic JHB7016AFGRCANUA Datasheet HTML 11Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
JHB7016A
VER: 0.01
- 6 -
Issue date: 2013-08-01
JEWEL HILL ELECTRONIC CO.,LTD.
6.INTERFACE PIN CONNECTIONS.
Pin No.
Symbol
Description
1
VDD
Power supply for positive (5V)
2
GND
Power supply for Ground (0V)
3
VLCD
VLCD adjust voltage (NC)
4
SDA
I2C-bus serial data input/output
5
SLC
I2C-bus serial clock input
6
SYNC
Cascade synchronization input/output
7
CLK
External clock input
8
BLA
Power supply voltage for backlight negative


Similar Part No. - JHB7016AFGRCANUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHB7013A JHE-JHB7013A Datasheet
1Mb / 31P
   SPECIFICATIONS FOR LCD MODULE
JHB7013ABBECAMUA JHE-JHB7013ABBECAMUA Datasheet
1Mb / 31P
   SPECIFICATIONS FOR LCD MODULE
JHB7013ABBECANUA JHE-JHB7013ABBECANUA Datasheet
1Mb / 31P
   SPECIFICATIONS FOR LCD MODULE
JHB7013ABBECAWUA JHE-JHB7013ABBECAWUA Datasheet
1Mb / 31P
   SPECIFICATIONS FOR LCD MODULE
JHB7013ABBECBMUA JHE-JHB7013ABBECBMUA Datasheet
1Mb / 31P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JHB7016AFGRCANUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com