Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMBT3904PN Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. SMBT3904PN
Description  NPN/PNP Silicon Switching Transistor Array
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3904PN Datasheet(HTML) 6 Page - Infineon Technologies AG

  SMBT3904PN Datasheet HTML 1Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 2Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 3Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 4Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 5Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 6Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SMBT3904PN
Aug-21-2002
6
Delay time td = f (IC)
Rise time tr = f (IC)
EHP00761
10
mA
t
C
r
10
1
10
0
10
10
01
2
Ι
55
ns
r
t
t
d
,
3
10
d
t
10
2
10
3
= 3 V
CC
V
0 V
V
= 2 V
BE
40 V
15 V
h
FE = 10
Storage time tstg = f(IC)
EHP00762
10
mA
t
C
s
10
1
10
0
10
10
01
2
Ι
55
ns
3
10
10
2
10
3
h
FE= 20
10
25 C
125 C
10
= 20
FE
h
Rise time tr = f (IC)
EHP00764
10
mA
t
C
r
10
1
10
0
10
10
01
2
Ι
55
ns
3
10
10
2
10
3
25 C
125 C
CC
V
= 40 V
= 10
FE
h
Fall time tf = f (IC)
EHP00763
10
mA
t
C
f
10
1
10
0
10
10
01
2
Ι
55
ns
3
10
10
2
10
3
h
FE = 20
25 C
125 C
CC
V
= 40 V
= 10
FE
h


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn