Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMBT3904PN Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. SMBT3904PN
Description  NPN/PNP Silicon Switching Transistor Array
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3904PN Datasheet(HTML) 5 Page - Infineon Technologies AG

  SMBT3904PN Datasheet HTML 1Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 2Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 3Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 4Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 5Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 6Page - Infineon Technologies AG SMBT3904PN Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SMBT3904PN
Aug-21-2002
5
DC current gain hFE = f (IC)
VCE = 10V, normalized
EHP00765
10
10
mA
h
C
5
FE
10
1
0
10
-1
5
10
10
10
-1
0
1
2
Ι
125 C
25 C
-55 C
55
2
Saturation voltage IC = f (VBEsat, VCEsat)
hFE = 10
EHP00756
2
0
V
BE sat
C
10
1
10
0
5
Ι
V
mA
0.2
0.4
0.6
0.8
1.0
1.2
CE sat
V
,
5
10
2
V BE
VCE
Short-circuit forward current
transfer ratio h21e = f(IC)
VCE = 10V, f = 1MHz
EHP00759
10
10
mA
h
C
5
21e
10
3
2
10
1
5
10
10
-1
0
1
Ι
5
Open-circuit reverse voltage
transfer ratio h12e = f (IC)
VCE = 10V, f = 1kHz
EHP00758
10
mA
h
C
12e
10
-5
5
10
10
-1
0
1
Ι
5
10
-4
10
-3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn