Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE6636EC Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SLE6636EC
Description  Secure Mobile Solutions
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE6636EC Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE6636EC Datasheet HTML 1Page - Infineon Technologies AG SLE6636EC Datasheet HTML 2Page - Infineon Technologies AG SLE6636EC Datasheet HTML 3Page - Infineon Technologies AG SLE6636EC Datasheet HTML 4Page - Infineon Technologies AG SLE6636EC Datasheet HTML 5Page - Infineon Technologies AG SLE6636EC Datasheet HTML 6Page - Infineon Technologies AG SLE6636EC Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Eurochip 66
Short Product Information
3 / 7
2003-08-05
Intelligent 237-Bit EEPROM Counter
for > 20000 Units with Security Logic and
High Security Authentication
Features
• Member of Eurochip Family
with focus on state of the art security features
• 221 bit EEPROM and 16 bit ROM
104 bit user memory
– 64 bit Identification Area consisting of
• 16 bit Manufacturer Code for unique identification of application
• SLE 6636:
8 bit Manufacturer data, card issuer dependent (ROM)
40 bit for personalization data of card issuer (PROM)
• SLE 6636E:
48 bit for personalization data of card issuer (PROM)
– 40 bit Counter Area including 1 bit for personalization (PROM/EEPROM)
133 bit additional memory for advanced features
4 bit Counter Backup (anti-tearing flags)
1 bit initiation flag for Authentication Key 2
– 16 bit Data Area 1 for free user access
– 48 bit Authentication Key 1
– either 48 bit Data Area 2 for user defined data
or 48 bit Authentication Key 2
– 16 bit Data Area 3 for free user access
• Counter with up to 33352 count units
– Five stage abacus counter
– Due to testing purposes a maximum of 21064 count units is guaranteed
• Counter tearing protection fully compatible with Eurochip Family
– Backup feature activated at choice by the terminal
Note: Counter tearing protection may be disabled permanently during the manufacturing phase
on customer demand (Backup bits always „1“)
• High security authentication unit
Individual card authentication based on Extended Authentication mode of Eurochip 2
– Individual secret Authentication Key 1
– Optional individual secret Authentication Key 2
– Random number as challenge
– Calculation of up to 16 bit response
– Optional Response calculation with Cipher Block Chaining
– Certification of the counter value
– Calculation of a 16 bit response within 30 ms at a clock frequency of 100 kHz
• Transport Code protection for delivery
M3


Similar Part No. - SLE6636EC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66C160S INFINEON-SLE66C160S Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-T85 INFINEON-SLE66C160S-T85 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-V5 INFINEON-SLE66C160S-V5 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-V5-F7 INFINEON-SLE66C160S-V5-F7 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-V5-T85 INFINEON-SLE66C160S-V5-T85 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
More results

Similar Description - SLE6636EC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66R35 INFINEON-SLE66R35 Datasheet
102Kb / 6P
   Secure Mobile Solutions
2003-08-07
SLE66CL80P INFINEON-SLE66CL80P Datasheet
172Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
logo
Pulse A Technitrol Comp...
W3008C PULSE-W3008C Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
logo
List of Unclassifed Man...
ISP1703BUKTS ETC2-ISP1703BUKTS Datasheet
906Kb / 3P
   Ultra-low-power transceiver solutions for mobile and portable applications
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
logo
ATMEL Corporation
AT98SC016CU ATMEL-AT98SC016CU Datasheet
335Kb / 6P
   Secure ASSP
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com