Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8841PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8841PWPR
Description  Dual H-Bridge Driver IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8841PWPR Datasheet(HTML) 1 Page - Texas Instruments

  DRV8841PWPR Datasheet HTML 1Page - Texas Instruments DRV8841PWPR Datasheet HTML 2Page - Texas Instruments DRV8841PWPR Datasheet HTML 3Page - Texas Instruments DRV8841PWPR Datasheet HTML 4Page - Texas Instruments DRV8841PWPR Datasheet HTML 5Page - Texas Instruments DRV8841PWPR Datasheet HTML 6Page - Texas Instruments DRV8841PWPR Datasheet HTML 7Page - Texas Instruments DRV8841PWPR Datasheet HTML 8Page - Texas Instruments DRV8841PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
8.2 to 45 V
DRV8841
Dual
H-Bridge Motor
Driver
PWM
Decay Mode
nFAULT
Controller
Protection
Current Level
2.5 A
2.5 A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DRV8841
SLVSAC0F – MAY 2010 – REVISED DECEMBER 2015
DRV8841 Dual H-Bridge Driver IC
1 Features
2 Applications
1
Dual H-Bridge DC Motor Driver
Printers
Scanners
Single and Dual Brushed DC
Office Automation Machines
Stepper
Gaming Machines
PWM Control Interface
Factory Automation
Optional Fixed Frequency Current Regulation
Robotics
Two Bit Current Control Allows Up to Four
Current Levels
3 Description
Low MOSFET On-Resistance
The DRV8841 provides an integrated dual H-bridge
2.5-A Maximum Drive Current at 24 V and
motor driver solution for printers, scanners, and other
TA = 25°C
automated equipment applications. The device can
Combined 400 m
Ω RDS(ON) of High-Side and
be used to drive one or two brushed DC motors, a
Low-Side at 24 V and TA = 25°C
bipolar stepper motor, or other loads. A simple PWM
interface allows easy interfacing to controller circuits.
8.2-V to 45-V Operating Supply Voltage Range
The output driver block consists of N-channel power
Low Current Sleep Mode
MOSFETs configured as H-bridges. The DRV8841 an
Built-In 3.3-V Reference Output
supply up to 2.5-A peak or 1.75-A RMS output
Thermally Enhanced Surface Mount Package
current (with proper heat sinking at 24 V and
Protection Features
TA = 25°C) per H-bridge.
Overcurrent Protection (OCP)
A low-power sleep mode is provided which shuts
Thermal Shutdown (TSD)
down internal circuitry to achieve very low quiescent
current draw. This sleep mode can be set using a
Undervoltage Lockout (UVLO)
dedicated nSLEEP pin. Internal protection features
Fault Condition Indication Pin (nFAULT)
are provided for overtemperature, overcurrent, and
undervoltage. Fault conditions are indicated by a
nFAULT pin.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV8841
HTSSOP (28)
9.70 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV8841PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8841PWPR TI1-DRV8841PWPR Datasheet
661Kb / 18P
[Old version datasheet]   DUAL H-BRIDGE DRIVER IC
More results

Similar Description - DRV8841PWPR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
   DUAL H-BRIDGE DRIVER IC
2017-04-10
logo
Texas Instruments
DRV8841 TI1-DRV8841 Datasheet
661Kb / 18P
[Old version datasheet]   DUAL H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TC78H660FTG TOSHIBA-TC78H660FTG Datasheet
513Kb / 26P
   Dual H Bridge driver IC
2020-07-14
logo
Texas Instruments
DRV8843 TI-DRV8843 Datasheet
621Kb / 19P
[Old version datasheet]   DUAL H-BRIDGE DRIVER IC
DRV8843 TI-DRV8843_15 Datasheet
910Kb / 20P
[Old version datasheet]   DUAL H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TC78H660FNG TOSHIBA-TC78H660FNG Datasheet
637Kb / 26P
   Dual H Bridge driver IC
2020-09-08
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
   Dual H-Bridge Motor Driver IC
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com