Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE7736-BDM3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SLE7736-BDM3
Description  Security & Chip Card ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE7736-BDM3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SLE7736-BDM3 Datasheet HTML 1Page - Infineon Technologies AG SLE7736-BDM3 Datasheet HTML 2Page - Infineon Technologies AG SLE7736-BDM3 Datasheet HTML 3Page - Infineon Technologies AG SLE7736-BDM3 Datasheet HTML 4Page - Infineon Technologies AG SLE7736-BDM3 Datasheet HTML 5Page - Infineon Technologies AG SLE7736-BDM3 Datasheet HTML 6Page - Infineon Technologies AG SLE7736-BDM3 Datasheet HTML 7Page - Infineon Technologies AG SLE7736-BDM3 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Eurochip 77
Short Product Information
4 / 8
2001-12-21
Features (cont’d)
• Chip circuitry and chip layout optimised for high security against physical and electrical
signal analysis
Advanced 1.2 µm CMOS-technology (IMEM) optimised for security layout
• Exclusive use of EEPROM security cells
• Secure wiring for all security relevant signals
• Shielding of deeper layers via metal
• Sophisticated sensory and logical security functions
• No isolation on backside necessary
Sophisticated electrical characteristics
• Ambient temperature –40 … +80°C
• Supply voltage 5 V ± 10 % (Class A), extension to 3 V ± 10% (Class B)
• Supply current < 1 mA (typical 300 µA)
• EEPROM programming time 5 ms
• ESD protection typical 4000 V
• Endurance minimum 10
5 write/erase cycles / bit1)
• Data retention for minimum of 30 years
1)
• Contact configuration and Answer-to-Reset (synchronous transmission) in accordance to
standard ISO/IEC 7816
Document References
Confidential data sheet
Qualification report chip
Chip delivery specification for wafer with chip-layout (die size, orientation, …)
Module specification containing description of package, product logistic etc.
Quality report module
Application Note for use of Card-Trash mechanism
Development Tool Overview
Evaluation Kit Memories
1)
Values are temperature dependent


Similar Part No. - SLE7736-BDM3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE76CF1M0P INFINEON-SLE76CF1M0P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
SLE76CF1M2P INFINEON-SLE76CF1M2P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
SLE76CF1M50P INFINEON-SLE76CF1M50P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
SLE76CF1M52P INFINEON-SLE76CF1M52P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
SLE76CF2360P INFINEON-SLE76CF2360P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
More results

Similar Description - SLE7736-BDM3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com