Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8814 Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV8814
Description  DC Motor Driver IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8814 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8814_16 Datasheet HTML 2Page - Texas Instruments DRV8814_16 Datasheet HTML 3Page - Texas Instruments DRV8814_16 Datasheet HTML 4Page - Texas Instruments DRV8814_16 Datasheet HTML 5Page - Texas Instruments DRV8814_16 Datasheet HTML 6Page - Texas Instruments DRV8814_16 Datasheet HTML 7Page - Texas Instruments DRV8814_16 Datasheet HTML 8Page - Texas Instruments DRV8814_16 Datasheet HTML 9Page - Texas Instruments DRV8814_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DRV8814
SLVSAB9E – MAY 2010 – REVISED NOVEMBER 2015
www.ti.com
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVM
VM operating supply current
VM = 24 V, fPWM 50 kHz
5
8
mA
IVMQ
VM sleep mode supply current
VM = 24 V
10
20
μA
VUVLO
VM undervoltage lockout voltage
VM rising
7.8
8.2
V
V3P3OUT REGULATOR
V3P3
V3P3OUT voltage
IOUT = 0 to 1 mA
3.2
3.3
3.4
V
LOGIC-LEVEL INPUTS
VIL
Input low voltage
0.6
0.7
V
VIH
Input high voltage
2
5.25
V
VHYS
Input hysteresis
0.3
0.45
0.6
V
IIL
Input low current
VIN = 0
–20
20
μA
IIH
Input high current
VIN = 3.3 V
33
100
μA
nFAULT OUTPUT (OPEN-DRAIN OUTPUT)
VOL
Output low voltage
IO = 5 mA
0.5
V
IOH
Output high leakage current
VO = 3.3 V
1
μA
DECAY INPUT
VIL
Input low threshold voltage
For slow decay (brake) mode
0
0.8
V
VIH
Input high threshold voltage
For fast decay (coast) mode
2
V
IIN
Input current
VIN = 0 V to 3.3 V
±40
μA
H-BRIDGE FETS
VM = 24 V, IO = 1 A, TJ = 25°C
0.2
RDS(ON) HS FET on resistance
VM = 24 V, IO = 1 A, TJ = 85°C
0.25
0.32
VM = 24 V, IO = 1 A, TJ = 25°C
0.2
RDS(ON) LS FET on resistance
VM = 24 V, IO = 1 A, TJ = 85°C
0.25
0.32
IOFF
Off-state leakage current
–20
20
μA
MOTOR DRIVER
fPWM
Internal current control PWM frequency
50
kHz
tBLANK
Current sense blanking time
3.75
μs
tR
Rise time
50
300
ns
tF
Fall time
50
300
ns
PROTECTION CIRCUITS
IOCP
Overcurrent protection trip level
3
A
tTSD
Thermal shutdown temperature
Die temperature
150
160
180
°C
CURRENT CONTROL
IREF
VREF input current
VREF = 3.3 V
–3
3
μA
xVREF = 3.3 V, 100% current setting
635
660
685
VTRIP
xISENSE trip voltage
xVREF = 3.3 V, 71% current setting
445
469
492
mV
xVREF = 3.3 V, 38% current setting
225
251
276
AISENSE Current sense amplifier gain
Reference only
5
V/V
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DRV8814


Similar Part No. - DRV8814_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8814 TI1-DRV8814_14 Datasheet
873Kb / 19P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
More results

Similar Description - DRV8814_16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802 Datasheet
558Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
JUNE2011
DRV8814 TI1-DRV8814_14 Datasheet
873Kb / 19P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8840 TI1-DRV8840_15 Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
DRV8842-EP TI1-DRV8842-EP Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
DRV8840 TI-DRV8840 Datasheet
551Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802_15 Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
DRV8842 TI1-DRV8842_15 Datasheet
1Mb / 27P
[Old version datasheet]   DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com