Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8305-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8305-Q1
Description  Three-Phase Automotive Gate Driver
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8305-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  DRV8305-Q1 Datasheet HTML 1Page - Texas Instruments DRV8305-Q1 Datasheet HTML 2Page - Texas Instruments DRV8305-Q1 Datasheet HTML 3Page - Texas Instruments DRV8305-Q1 Datasheet HTML 4Page - Texas Instruments DRV8305-Q1 Datasheet HTML 5Page - Texas Instruments DRV8305-Q1 Datasheet HTML 6Page - Texas Instruments DRV8305-Q1 Datasheet HTML 7Page - Texas Instruments DRV8305-Q1 Datasheet HTML 8Page - Texas Instruments DRV8305-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
DRV8305-Q1
PWM
4.4 to 45 V
Gate Drive
Sense
Automotive
3-Phase
Brushless
Gate Driver
SPI
nFAULT
Shunt Amps
M
EN_GATE
Protection
Shunt Amps
LDO
50-mA LDO
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
DRV8305-Q1
SLVSD12A – MAY 2015 – REVISED MARCH 2016
DRV8305-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt
Amplifiers and Voltage Regulator
1
1 Features
1
AEC-Q100 Qualified for Automotive Applications
Ambient Operating Temperature Ranges:
Temperature Grade 0 (E): –40°C to 150°C
Temperature Grade 1 (Q): –40°C to 125°C
4.4-V to 45-V Operating Voltage
1.25-A and 1-A Peak Gate Drive Currents
Programmable High- and Low-Side Slew-Rate
Control
Charge-Pump Gate Driver for 100% Duty Cycle
Three Integrated Current-Shunt Amplifiers
Integrated 50-mA LDO (3.3-V and 5-V Option)
3-PWM or 6-PWM Input Control up to 200 kHz
Single PWM-Mode Commutation Capability
Supports Both 3.3-V and 5-V Digital Interface
Serial Peripheral Interface (SPI) for Device
Settings and Fault Reporting
Thermally-Enhanced 48-Pin HTQFP
Protection Features:
Fault Diagnostics and MCU Watchdog
Programmable Dead-Time Control
MOSFET Shoot-Through Prevention
MOSFET VDS Overcurrent Monitors
Gate-Driver Fault Detection
Reverse Battery-Protection Support
Limp Home-Mode Support
Overtemperature Warning and Shutdown
2 Applications
Three-Phase BLDC and PMSM Motors
Automotive Fuel and Water Pumps
Automotive Fans and Blowers
3 Description
The DRV8305-Q1 device is a gate driver IC for three-
phase motor-drive applications. The device provides
three high-accuracy and temperature compensated
half-bridge drivers, each capable of driving a high-
side and low-side N-channel MOSFET. A charge
pump driver supports 100% duty cycle and low-
voltage operation for cold crank situations. The
device can tolerate load dump voltages up to 45-V.
The DRV8305-Q1 device includes three bidirectional
current-shunt amplifiers for accurate low-side current
measurements that support variable gain settings and
an adjustable offset reference.
The DRV8305-Q1 device has an integrated voltage
regulator to support an MCU or other system power
requirements. The voltage regulator can be interfaced
directly with a LIN physical interface to allow low
system standby and sleep currents.
The gate driver uses automatic handshaking when
switching to prevent current shoot through. The VDS
of both the high-side and low-side MOSFETs is
accuractely sensed to protect the external MOSFETs
from
overcurrent
conditions.
The
SPI
provides
detailed fault reporting, diagnostics, and device
configurations such as gain options for the current
shunt
amplifier,
individual
MOSFET
overcurrent
detection, and gate-drive slew-rate control.
Device Options:
DRV8305NQ: Grade 1 with voltage refernece
DRV83053Q: Grade 1 with 3.3-V, 50-mA LDO
DRV83055Q: Grade 1 with 5-V, 50-mA LDO
DRV8305NE: Grade 0 with voltage reference
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV8305-Q1
HTQFP (48)
7.00 mm × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DRV8305-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8305-Q1 TI-DRV8305-Q1_15 Datasheet
117Kb / 6P
[Old version datasheet]   DRV8305-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Voltage Regulator
More results

Similar Description - DRV8305-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Allegro MicroSystems
AMT49106 ALLEGRO-AMT49106 Datasheet
2Mb / 74P
   Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com