Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8801QRTYRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8801QRTYRQ1
Description  DMOS Full-Bridge Motor Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8801QRTYRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  DRV8801QRTYRQ1 Datasheet HTML 1Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 2Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 3Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 4Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 5Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 6Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 7Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 8Page - Texas Instruments DRV8801QRTYRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DRV8801-Q1
www.ti.com
SLVSAS7B – FEBRUARY 2011 – REVISED JANUARY 2016
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VBB
Load supply voltage(2)
–0.3
40
V
IOUT
Output current
0
2.8
A
VSense
Sense voltage
–500
500
mV
VBB_OUT
VBB to OUTx
36
V
VOUT_SEN
OUTx to SENSE
36
V
VDD
Logic input voltage(2)
–0.3
7
V
PD
Continuous total power dissipation
See Thermal Information
TA
Operating free-air temperature
–40
125
°C
TJ
Maximum junction temperature
–40
150
°C
Tstg
Storage temperature
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
6.2 ESD Ratings
MIN
MAX
UNIT
Human body model (HBM), per AEC Q100-002(1)
–2000
2000
Corner pins (1, 4, 5, 8,
V(ESD)
Electrostatic discharge
–750
750
V
Charged device model (CDM), per
9, 12, 13, and 16)
AEC Q100-011
Other pins
–500
500
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VBB
Power supply voltage
8
38
V
VDD
Logic voltage
0
5.5
V
fPWM
Applied PWM signal (PHASE and ENABLE)
0
100
kHz
TA
Ambient temperature
–40
125
°C
6.4 Thermal Information
DRV8801-Q1
THERMAL METRIC(1)
RTY (QFN)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
46.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43.0
°C/W
RθJB
Junction-to-board thermal resistance
22.5
°C/W
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
22.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DRV8801-Q1


Similar Part No. - DRV8801QRTYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8801QRTYRQ1 TI1-DRV8801QRTYRQ1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results

Similar Description - DRV8801QRTYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
logo
Allegro MicroSystems
A4953ELJTR-T ALLEGRO-A4953ELJTR-T Datasheet
299Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
[Old version datasheet]   DRV880x DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI-DRV8801A-Q1_15 Datasheet
831Kb / 24P
[Old version datasheet]   DRV8801A-Q1 DMOS Full-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com