Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8313PWP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8313PWP
Description  2.5-A Triple 1/2-H Bridge Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8313PWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8313PWP Datasheet HTML 3Page - Texas Instruments DRV8313PWP Datasheet HTML 4Page - Texas Instruments DRV8313PWP Datasheet HTML 5Page - Texas Instruments DRV8313PWP Datasheet HTML 6Page - Texas Instruments DRV8313PWP Datasheet HTML 7Page - Texas Instruments DRV8313PWP Datasheet HTML 8Page - Texas Instruments DRV8313PWP Datasheet HTML 9Page - Texas Instruments DRV8313PWP Datasheet HTML 10Page - Texas Instruments DRV8313PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
INx = 1, Resistive Load to GND
T0543-01
50%
80%
20%
80%
20%
tf
tr
OUTx
50%
50%
50%
t1
t2
ENx
OUTx
INx = 0, Resistive Load to VM
50%
50%
50%
50%
t3
t4
ENx
OUTx
ENx = 1, Resistive Load to GND
50%
50%
50%
50%
t5
t6
INx
OUTx
7
DRV8313
www.ti.com
SLVSBA5C – OCTOBER 2012 – REVISED NOVEMBER 2015
Product Folder Links: DRV8313
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
(1)
Specified by design and characterization data
6.6 Switching Characteristics
TA = 25°C, VM = 24 V, RL = 20 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
t1
Delay time, ENx high to OUTx high
INx = 1
130
330
ns
t2
Delay time, ENx low to OUTx low
INx = 1
275
475
ns
t3
Delay time, ENx high to OUTx low
INx = 0
100
300
ns
t4
Delay time, ENx low to OUTx high
INx = 0
200
400
ns
t5
Delay time, INx high to OUTx high
ENx = 1
300
500
ns
t6
Delay time, INx low to OUTx low
ENx = 1
275
475
ns
tr
Output rise time, resistive load to GND
30
150
ns
tf
Output fall time, resistive load to GND
30
150
ns
tDEAD
(1)
Output dead time
90
ns
Figure 1. DRV8313 Switching Characteristics


Similar Part No. - DRV8313PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8313PWP TI-DRV8313PWP Datasheet
870Kb / 19P
[Old version datasheet]   The DRV8313 provides three individually controllable half-H-bridge drivers.
DRV8313PWP TI1-DRV8313PWP Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
DRV8313PWPR TI-DRV8313PWPR Datasheet
870Kb / 19P
[Old version datasheet]   The DRV8313 provides three individually controllable half-H-bridge drivers.
DRV8313PWPR TI1-DRV8313PWPR Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
More results

Similar Description - DRV8313PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A Dual H-Bridge Motor Driver
DRV8881 TI-DRV8881_15 Datasheet
1Mb / 45P
[Old version datasheet]   DRV8881 2.5-A Dual H-Bridge Motor Driver
DRV8844 TI1-DRV8844 Datasheet
705Kb / 17P
[Old version datasheet]   QUAD 1/2-H-BRIDGE DRIVER IC
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
[Old version datasheet]   1-A Low-Voltage H-Bridge Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
   5 V, 1 A H-Bridge Motor Driver
Rev. B, 10-Dec-12
SIP2100 VISHAY-SIP2100_V01 Datasheet
173Kb / 7P
   5 V, 1 A H-Bridge Motor Driver
08-Feb-17
logo
Texas Instruments
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
DRV8839 TI-DRV8839 Datasheet
846Kb / 17P
[Old version datasheet]   LOW VOLTAGE DUAL 1/2-H-BRIDGE DRIVER IC
logo
Shenzhen Huazhimei Semi...
HM9110A HMSEMI-HM9110A Datasheet
925Kb / 9P
   2.5-12.0V 1.2A single channel H-bridge driver
HM2512D HMSEMI-HM2512D Datasheet
897Kb / 9P
   2.5-10.0V 1.5A single channel H-bridge driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com