Electronic Components Datasheet Search |
|
DRV8307RHAT Datasheet(PDF) 6 Page - Texas Instruments |
|
|
DRV8307RHAT Datasheet(HTML) 6 Page - Texas Instruments |
6 / 33 page 6 DRV8307 SLVSCK2A – APRIL 2014 – REVISED FEBRUARY 2016 www.ti.com Product Folder Links: DRV8307 Submit Documentation Feedback Copyright © 2014–2016, Texas Instruments Incorporated (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. (2) The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as specified in JESD51-7, in an environment described in JESD51-2a. (3) The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88. (4) The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB temperature, as described in JESD51-8. (5) The junction-to-top characterization parameter, ψJT, estimates the junction temperature of a device in a real system and is extracted from the simulation data for obtaining θJA, using a procedure described in JESD51-2a (sections 6 and 7). (6) The junction-to-board characterization parameter, ψJB, estimates the junction temperature of a device in a real system and is extracted from the simulation data for obtaining θJA , using a procedure described in JESD51-2a (sections 6 and 7). (7) The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88. 6.4 Thermal Information THERMAL METRIC(1) DRV8307 UNIT RHA (40 PINS) RθJA Junction-to-ambient thermal resistance(2) 33.2 °C/W RθJC(top) Junction-to-case (top) thermal resistance(3) 23.0 °C/W RθJB Junction-to-board thermal resistance(4) 8.8 °C/W ψJT Junction-to-top characterization parameter(5) 0.3 °C/W ψJB Junction-to-board characterization parameter(6) 8.8 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance(7) 2.3 °C/W |
Similar Part No. - DRV8307RHAT |
|
Similar Description - DRV8307RHAT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |